| Zakładka z wyszukiwarką danych komponentów |
|
ICS93701 Arkusz danych(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS93701 Arkusz danych(HTML) 3 Page - Renesas Technology Corp |
|
3 / 9 page ![]() Byte 0: OutputControl (1= enable, 0= disable) BIT PIN# PWD Bit 7 3,2 1 Bit 6 5,6 1 Bit 5 10,9 1 Bit 4 20,19 1 Bit 3 22,23 1 Bit 2 46,47 1 Bit 1 44,43 1 Bit 0 39,40 1 Byte2: Reserved (1= enable, 0= disable) BIT PIN# PWD Bit 7 - 1 Bit 6 - 1 Bit 5 - 1 Bit 4 - 1 Bit 3 - 1 Bit 2 - 1 Bit 1 - 1 Bit 0 - 1 Byte4: Reserved (1= enable, 0= disable) BIT PIN# PWD Bit 7 - 1 Bit 6 - 1 Bit 5 - 1 Bit 4 - 1 Bit 3 - 1 Bit 2 - 1 Bit 1 - 1 Bit 0 - 1 0417B---10/29/02 DESCRIPTION CLKT0,CLKC0 CLKT1,CLKC1 CLKT2,CLKC2 CLKT3,CLKC3 CLKT4,CLKC4 CLKTS,CLKCS CLKT6,CLKC6 CLKT7,CLKC7 DESCRIPTION Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved DESCRIPTION Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved 3 ICS93701 Byte 1: OutputControl (1= enable, 0= disable) BIT PIN# PWD DESCRIPTION Bit 7 29,30 1 CLKT8,CLKC8 Bit 6 27,26 1 CLKT9,CLKC9 Bit 5 - 1 Reserved Bit 4 - 1 Reserved Bit 3 - 1 Reserved Bit 2 - 1 Reserved Bit 1 - 1 Reserved Bit 0 - 1 Reserved Byte 3: Reserved (1= enable, 0= disable) BIT PIN# PWD DESCRIPTION Bit 7 - 1 Reserved Bit 6 - 1 Reserved Bit 5 - 1 Reserved Bit 4 - 1 Reserved Bit 3 - 1 Reserved Bit 2 - 1 Reserved Bit 1 - 1 Reserved Bit 0 - 1 Reserved Byte 5: Reserved (1= enable, 0= disable) BIT PIN# PWD DESCRIPTION Bit? - 0 Reserved (Note) Bit6 - 0 Reserved (Note) BitS - 0 Reserved (Note) Bit4 - 0 Reserved (Note) Bit3 - 0 Reserved (Note) Bit2 - 1 Reserved (Note) Bit1 - 1 Reserved (Note) BitO - 0 Reserved (Note) Note: Don't write into this register, writing into this register can cause malfunction |