| Zakładka z wyszukiwarką danych komponentów |
|
723634L15PFG Arkusz danych(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
723634L15PFG Arkusz danych(HTML) 33 Page - Renesas Technology Corp |
|
33 / 35 page ![]() 33 COMMERCIALTEMPERATURERANGE IDT723624/723634/723644 CMOS SyncBiFIFO™ WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2 Figure 28. Timing for Mail2 Register and MBF2 Flag (IDT Standard and FWFT Modes) NOTE: 1. If Port B is configured for word size, data can be written to the Mail2 Register using B0-B17 (B18-B35 are don’t care inputs). In this first case A0-A17 will have valid data (A18-A35 will be indeterminate). If Port B is configured for byte size, data can be written to the Mail2 Register using B0-B8 (B9-B35 are don’t care inputs). In this second case, A0-A8 will have valid data (A9-A35 will be indeterminate). 3270 drw30 CLKB ENB B0-B35 MBB CSB W/RB CLKA MBF2 CSA MBA ENA A0-A35 W/ RA W1 tENH tDH tPMF tPMF tENS2 tENH tDIS tEN tMDV tPMR FIFO2 Output Register W1 (Remains valid in Mail 2 Register after read) tENH tENH tENH tDS tENS1 tENS1 tENS2 tENS2 |