Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

COSAO Arkusz danych(PDF) 7 Page - Norgren Ltd

Numer części COSAO
Szczegółowy opis  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NORGREN [Norgren Ltd]
Strona internetowa  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

COSAO Arkusz danych(HTML) 7 Page - Norgren Ltd

Back Button COSAO Datasheet HTML 3Page - Norgren Ltd COSAO Datasheet HTML 4Page - Norgren Ltd COSAO Datasheet HTML 5Page - Norgren Ltd COSAO Datasheet HTML 6Page - Norgren Ltd COSAO Datasheet HTML 7Page - Norgren Ltd COSAO Datasheet HTML 8Page - Norgren Ltd COSAO Datasheet HTML 9Page - Norgren Ltd COSAO Datasheet HTML 10Page - Norgren Ltd COSAO Datasheet HTML 11Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
Pneufit® C series
PUSH-IN fittings, metric
en 9.1.020.07
4/15
Dimensions in mm
Projection/First angle
Straight adaptor (external + internal hex)
C0125
Ø A
B
C
G
1
Model
4
R1/8
21,5
8
10
3
C01250418
4
R1/4
20,5
10
14
3
C01250428
4
R3/8
22
11
17
3
C01250438
6
R1/8
22
8
12
4
C01250618
6
R1/4
21
10
14
5
C01250628
6
R3/8
22
11
17
5
C01250638
6
R1/2
29,5
14
19
5
C01250648
8
R1/8
27,5
8
14
5
C01250818
8
R1/4
25,5
10
14
6
C01250828
8
R3/8
23
11
17
6
C01250838
8
R1/2
29,5
14
19
6
C01250848
10
R1/8
28,5
8
17
5
C01251018
10
R1/4
30,5
10
17
6
C01251028
10
R3/8
24,5
11
17
8
C01251038
10
R1/2
29,5
14
19
8
C01251048
12
R1/8
31,5
8
19
5
C01251218
12
R1/4
33
10
19
6
C01251228
12
R3/8
30
11
19
8
C01251238
12
R1/2
30
14
19
8
C01251248
16
R3/8
37,5
11
24
10
C01251638
16
R1/2
40,5
14
24
10
C01251648
Ø A
B
C
G
1
Model
4
M5
22
4,5
2
C022A0405
4
M6
22
4
3
C022A0406
4
R1/8
20,5
8
3
C012A0418
4
R1/4
20,5
10
3
C012A0428
4
R3/8
20,5
11
3
C012A0438
6
M5
22,5
5
2
C022A0605
6
M6
22,5
4
3
C022A0606
6
R1/8
22
8
4
C012A0618
6
R1/4
22,5
10
4
C012A0628
6
R3/8
22,5
11
4
C012A0638
8
R1/8
27
8
5
C012A0818
8
R1/4
25
10
6
C012A0828
8
R3/8
25
11
6
C012A0838
8
R1/2
25
14
6
C012A0848
10
R1/8
28
8
5
C012A1018
10
R1/4
29
10
6
C012A1028
10
R3/8
29
11
8
C012A1038
10
R1/2
29
14
8
C012A1048
12
R1/8
35
8
5
C012A1218
12
R1/4
32,5
10
6
C012A1228
12
R3/8
32,5
11
8
C012A1238
12
R1/2
32,5
14
8
C012A1248
Ø A
B
C
G
1
Model
4
M5
22
4
10
-
C02250405
4
M6
22
8
10
-
C02250406
4
G1/8
21,5
6
13
3
C02250418
4
G1/4
23,5
8
15
3
C02250428
4
G3/8
22
8
17
3
C02250438
6
M5
23,5
5
12
-
C02250605
6
M6
23
4
12
-
C02250606
6
G1/8
26,5
6
13
4
C02250618
6
G1/4
24,5
8
15
5
C02250628
6
G3/8
25,5
8
17
5
C02250638
8
G1/8
26,5
6
15
5
C02250818
8
G1/4
26,5
8
15
6
C02250828
8
G3/8
25
8
17
6
C02250838
8
G1/2
26
9
21
6
C02250848
10
G1/8
29,5
6
17
5
C02251018
10
G1/4
30
8
17
8
C02251028
10
G3/8
27
8
17
8
C02251038
10
G1/2
28,5
9
21
8
C02251048
12
G1/4
32
8
19
8
C02251228
12
G3/8
31,5
8
19
8
C02251238
12
G1/2
31,5
9
21
8
C02251248
16
G3/8
36,5
8
24
8
C02251638
16
G1/2
36,5
9
24
10
C02251648
Straight adaptor (internal hex only)
C012A, C022A
Straight adaptor (external + internal hex)
C0225
Female adaptor
C0226
Ø A
B
C
G
Model
4
M5
26
7
12
C02260405
4
G1/8
26,5
9
14
C02260418
4
G1/4
28,5
11
17
C02260428
4
G3/8
30
12
22
C02260438
6
G1/8
27,5
9
14
C02260618
6
G1/4
29,5
11
17
C02260628
6
G3/8
30
12
22
C02260638
8
G1/8
28,5
9
14
C02260818
8
G1/4
30,5
11
17
C02260828
8
G3/8
31,5
12
22
C02260838
8
G1/2
34,5
14
24
C02260848
10
G1/8
31,5
9
17
C02261018
10
G1/4
31,5
11
17
C02261028
10
G3/8
32,5
12
22
C02261038
10
G1/2
34,5
14
24
C02261048
12
G1/4
34,5
11
22
C02261228
12
G3/8
34,5
12
22
C02261238
12
G1/2
36,5
14
24
C02261248
G
C
G
C
C
G
C
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27