Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CPS-1616 Arkusz danych(PDF) 21 Page - Renesas Technology Corp

Numer części CPS-1616
Szczegółowy opis  16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CPS-1616 Arkusz danych(HTML) 21 Page - Renesas Technology Corp

Back Button CPS-1616 Datasheet HTML 17Page - Renesas Technology Corp CPS-1616 Datasheet HTML 18Page - Renesas Technology Corp CPS-1616 Datasheet HTML 19Page - Renesas Technology Corp CPS-1616 Datasheet HTML 20Page - Renesas Technology Corp CPS-1616 Datasheet HTML 21Page - Renesas Technology Corp CPS-1616 Datasheet HTML 22Page - Renesas Technology Corp CPS-1616 Datasheet HTML 23Page - Renesas Technology Corp CPS-1616 Datasheet HTML 24Page - Renesas Technology Corp CPS-1616 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
21
©2017 Integrated Device Technology, Inc.
June 26, 2017
CPS-1616 Datasheet
I2C writes to memory align on 32-bit word boundaries, thus the 24 address MSBs must be provided while the two LSBs associated with word and
byte pointers are “don’t care”, and therefore are not transmitted.
Figure 9: Read Protocol with 10-bit Slave Address (ADS is 1)
Figure 10: Write Protocol with 7-bit Slave Address (ADS is 0)
73
82
92
55
64
A
1
R=1 | W=0
Device
Address [9:8]
11
110 S A
Sr
DATA
A
A
DATA
DATA
A
DATA
_
A
P
Output Data
[31:24]
Output Data
[23:16]
Output Data
[15:8]
Output Data
[7:0]
27
36
45
A
0
0
S
9
R=1 | W=0
Device
Address [9:8]
SLAVE ADDR
A
11
110 S A
Device
Address [7:0]
18
Memory
Address [23:18]
Memory
Address [17:10]
Memory
Address [9:2]
DATA
A
A
DATA
DATA
A
_
A
46
55
64
73
83
Memory
Address [23:18]
Memory
Address [17:10]
Memory
Address [9:2]
27
36
18
SLAVE ADDR
A
0
0
S
9
R=1 | W=0
Device
Address [6:0]
DATA
A
A
DATA
DATA
A
DATA
A
A
DATA
DATA
A
DATA
_
A
P
_
A
Output Data
[31:24]
Output Data
[23:16]
Output Data
[15:8]
Output Data
[7:0]
Sr
SLAVE ADDR
A
1
R=1 | W=0
Device
Address [6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com