| Zakładka z wyszukiwarką danych komponentów |
|
TDPX Arkusz danych(PDF) 9 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TDPX Arkusz danych(HTML) 9 Page - ITT Industries |
|
9 / 9 page ![]() .240 (6.10)MAX .030 R (.76) MAX 2 PL .191 (4.85) 2 PL .189 (4.80) 6.870 (174.50) MIN 6.353 (161.37) 6.347 (161.21) .240 (6.10) MAX 3.65 (9.27) 3.55 (9.02) .930 (23.62) MIN .653 (16.59) .647 (16.43) .180 (4.57) .166 (4.22) 4 PL D .120 R (3.05) MAX 4 PL .287 R (7.29) MAX 4 PL 2.780 (70.61) MAX 2.200 (55.88) MIN .365 (9.27) .355 (9.02) .240 MAX (6.10) .653 (16.59) .647 (16.43) 2 PLC .287 R (7.29) MAX 8 PL .120 R (3.05) MAX 4 PL 2.133 (54.18) 2.127 (54.03) 6.870 (174.50) MIN .260 (6.60) .230 (5.84) 2 PL .180 (4.57) .166 (4.22) 10 PL 1.429 (36.30) 1.423 (36.14) 3 PL 030 R (.76) MAX 2 PL 240 (6.10) MAX 240 MAX. (6.10) .191 (4.85) .189 (4.80) 3 PL 3.000 (76.20) MIN 2.889 (73.38) 2.883 (73.23) 3 PL .287 R MAX (7.29) 8 PL 6.870 (174.50) MIN. .960 (24.38) .930 (23.62) 2 PL .030 R MAX (.76) 2 PL .120 R MAX (3.05) 4 PL .180 (4.57) .166 (4.22) 14 PL 2.780 (70.61) MAX 2.20 (55.88) MIN 2.133 (54.18) 2.127 (54.03) .365 (9.27) .355 (9.02) .240 (6.10) MAX 1.953 (49.61) 2 PL 1.947 (49.45) .653 (16.59) 2 PL .647 (16.43) D 6.353 (161.37) 6.347 (161.21) D 1.530 (38.86) MIN 191 (4.85) 189 (4.80) 2 PL Retainer Plate Size 1 Receptacle Size 2 Receptacle Size 3 Receptacle 260 (6.60)* 250 (6.35) .070 (1.78)* .050 (1.27) 5.335 (136.02) 5.345 (135.76) .135 (3.43)* .115 (2.92) 3.770 (95.76) 3.760 (95.50) 2.004 (50.90) 1.994 (50.65) 1.258 (31.95) 1.248 (31.70) .865 (21.97) .855 (21.72) .168 (4.27) .158 (4.01) 1.440 (36.58) 1.430 (36.32) 2.875 (73.02) 2.865 (72.77) 2.712 (68.88) 2.702 (68.63) 1.252 (31.80) 1.242 (31.55) 6.975 MAX (177.16) BKAE SERIES 1.531 (38.89) MAX FILTER MODULE BKAD/BKAF SERIES 1.221 (31.01)MAX 130 (3.30 .120 (3.05) BKAD/BKAF SERIES 1.317 (33.45) BKAE SERIES 1.670 (42.42) 2.135 (54.23) 2.125 (53.98) .188 (4.78) .184 (4.67) 6.627 (168.33) 6.607 (167.82) 6.355 (161.42) 6.345 (161.16) 3.275 (83.18) 3.245 (82.42) 2.891 (73.43) 2.881 (73.18) 1.955 (49.66) 1.945 (49.40) .655 (16.64) .645 (16.38) .148 .003 (3.76 + _ 0.08) DIA. 14 PLCS MTG HOLES * This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity. www.ittcannon.com 324 Dimensions are shown in inches (millimeters). Dimensions subject to change. ARINC 600 Rack and Panel Filter Connectors TBKAD Size 3 Receptacle Panel Cutouts |