Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLEB19P2RG Arkusz danych(PDF) 10 Page - ITT Industries

Numer części SLEB19P2RG
Szczegółowy opis  Snap-Lock Environmentally Sealed - Rectangular
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

SLEB19P2RG Arkusz danych(HTML) 10 Page - ITT Industries

Back Button SLEB19P2RG Datasheet HTML 6Page - ITT Industries SLEB19P2RG Datasheet HTML 7Page - ITT Industries SLEB19P2RG Datasheet HTML 8Page - ITT Industries SLEB19P2RG Datasheet HTML 9Page - ITT Industries SLEB19P2RG Datasheet HTML 10Page - ITT Industries SLEB19P2RG Datasheet HTML 11Page - ITT Industries SLEB19P2RG Datasheet HTML 12Page - ITT Industries SLEB19P2RG Datasheet HTML 13Page - ITT Industries SLEB19P2RG Datasheet HTML 14Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
29
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Contact Extraction Tool
Part Number: 274-7068-001
Tip Part Number: 323-9519-000
· A Standard CET - SLE/SLC is available for
extraction of the individual crimp contacts. Insertion
tool is not required.
Snap-Lock Environmentally Sealed - Rectangular
Extraction Tool
Cannon SLE
Insertion/Extraction Instructions for Crimp Contacts
Insertion Tool
No insertion tool is required. The
contact is easily snapped in
from the rear of the connector
manually.
1. Move to the rear of the
connector so that the contact
cavities can be identified.
2. Insert a crimp terminated
assembly into a selected cavity.
3. Continue the forward movement
until and audible snap can be felt
and heard. Slight pull in the
opposite direction will confirm
complete insertion.
1. Open the CET - SLE Extraction
tool and place it over the insulation
of the wire.
2. Using a straight motion forward,
insert the tool along the wire until it
bottoms against the connector. (Do
not use a screwing motion -
damage will result.)
3. While the extraction tool is in
place, simply pull the wire/contact
assembly out.
4. Remove the extraction tool.
Extraction is complete.
Extraction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14