| Zakładka z wyszukiwarką danych komponentów |
|
PBYR235-45CT Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PBYR235-45CT Arkusz danych(HTML) 3 Page - NXP Semiconductors |
|
3 / 5 page ![]() Philips Semiconductors Product specification Rectifier diodes PBYR245CT series Schottky barrier Fig.2. Maximum forward dissipation P F = f(IF(AV)) per diode; square current waveform where I F(AV) =IF(RMS) x √D. Fig.3. Maximum forward dissipation P F = f(IF(AV)) per diode; sinusoidal current waveform where a = form factor = I F(RMS) / IF(AV). Fig.4. Typical and maximum forward characteristic I F = f(VF); parameter Tj Fig.5. Typical reverse leakage current per diode; I R = f(VR); parameter Tj Fig.6. Typical junction capacitance per diode; C d = f(VR); f = 1 MHz; Tj = 25˚C to 125 ˚C. Fig.7. Transient thermal impedance; per diode; Z th j-sp = f(tp). 0 0.5 1 1.5 0 0.2 0.4 0.6 0.8 1 D = 1.0 0.5 0.2 0.1 PBYR245CT Rs = 0.183 Ohms Vo = 0.27 V Average forward current, IF(AV) (A) Forward dissipation, PF (W) D = tp tp T T t I 0 25 50 10 1 0.1 0.01 0.001 Reverse current, IR (mA) Reverse voltage, VR (V) 50 C 75 C 100 C 125 C PBYR245CT Tj = 25 C 0 0.2 0.4 0.6 0.8 1 0 0.2 0.4 0.6 0.8 1 a = 1.57 1.9 2.2 2.8 4 PBYR245CT Rs = 0.183 Ohms Vo = 0.27 V Average forward current, IF(AV) (A) Forward dissipation, PF (W) 1 10 100 10 1000 100 Cd / pF VR / V PBYR245CT 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0 0.5 1 1.5 2 2.5 3 PBYR245CT Forward voltage, VF (V) Forward current, IF (A) Tj = 25 C Tj = 125 C max typ 1us 10us 100us 1ms 10ms 100ms 1s 10s 0.01 0.1 1 10 100 PBYR245CT pulse width, tp (s) Transient thermal impedance, Zth j-sp (K/W) D = tp tp T T P t D July 1998 3 Rev 1.400 |