| Zakładka z wyszukiwarką danych komponentów |
|
ADA4899-1YCPZ-R2 Arkusz danych(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4899-1YCPZ-R2 Arkusz danych(HTML) 7 Page - Analog Devices |
|
7 / 20 page ![]() ADA4899-1 Rev. A | Page 7 of 20 100 110 –0.5 –0.4 –0.3 –0.2 –0.1 0 0.1 G = +2 VS = ±5V RL = 150Ω FREQUENCY (MHz) VOUT = 2V p-p VOUT = 100mV p-p Figure 11. 0.1 dB Flatness for Various Output Voltages 1000 10 100 –12 0 –3 –6 –9 3 G = +1 RL = 1kΩ VOUT = 2V p-p FREQUENCY (MHz) VS = ±5V VS = +5V Figure 12. Large Signal Frequency Response for Various Supply Voltages 100M 10M 1M 100k 10k 1k 100 10 0.1 1 10 FREQUENCY (Hz) Figure 13. Voltage Noise vs. Frequency 1000 1 10 100 –12 –9 –6 –3 0 3 G = +1 VS = ±5V RL = 100Ω FREQUENCY (MHz) VOUT = 1V p-p VOUT = 4V p-p VOUT = 7V p-p Figure 14. Large Signal Frequency Response for Various Output Voltages 1000 100 10 1 0.1 0.01 0.001 –20 0 20 40 60 80 100 0 30 60 90 120 150 180 FREQUENCY (MHz) VS = ±5V RL = 100Ω Figure 15. Open-Loop Gain/Phase vs. Frequency 100M 10M 1M 100k 10k 1k 100 10 1 10 100 1k FREQUENCY (Hz) DISABLE = NC DISABLE = 5V Figure 16. Input Current Noise vs. Frequency |