Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCSP-411AW Arkusz danych(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Numer części LCSP-411AW
Szczegółowy opis  Magnetic Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LETEX [LETEX TECHNOLOGY CORP.]
Strona internetowa  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LCSP-411AW Arkusz danych(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LCSP-411AW Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LCSP-411AW Datasheet HTML 2Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Letex Technology Corp.
2
Magnetic Contact
Part No. LCSP-411
Switch
Contact arrangement
Closed loop
Reed switch contact from
FROM A (N.O)
Switching voltage (Max.)
70v AC/DC
Switching current (Max.)
0.5 A
Contact capacity (Max.)
10 VA
Initial contact (Max.)
0.2 Ohm
Carry current (Max.)
100m A
Breakdown voltage
150 VDC
Insulation resistance (Min.)
100 Mohm
Switch cycle
5×10
7 cycle at 12V 50mADC
Physical characteristic
Temperature
-20℃ ~ +60℃
Vibration
20 G(10 ~ 55 HZ)
Shock
30 G (11 msec)
Heat shock
-25℃ ~ +65℃
(30Min.) (30Min.) 100 cycle
Package drop
Drop height 80 cm
Humidity
80℃ 95﹪ RH 72 hrs



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com