| Zakładka z wyszukiwarką danych komponentów |
|
CS5501-CP Arkusz danych(PDF) 32 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5501-CP Arkusz danych(HTML) 32 Page - Cirrus Logic |
|
32 / 54 page ![]() SPECIFICATION DEFINITIONS Linearity Error The deviation of a code from a straight line which connects the two endpoints of the A/D Converter transfer function. One endpoint is located 1/2 LSB below the first code transition and the other endpoint is located 1/2 LSB beyond the code transition to all ones. Units in percent of full-scale. Differential Linearity The deviation of a code’s width from the ideal width. Units in LSB’s. Full-Scale Error The deviation of the last code transition from the ideal (VREF-3/2 LSB’s). Units in LSBs. Unipolar Offset The deviation of the first code transition from the ideal (1/2 LSB above AGND) when in unipolar mode (BP/UP low). Units in LSBs. Bipolar Offset The deviation of the mid-scale transition (011...111 to 100...000) from the ideal (1/2 LSB below AGND) when in bipolar mode (BP/UP high). Units in LSBs. Bipolar Negative Full-Scale Error The deviation of the first code transition from the ideal when in bipolar mode (BP/UP high). The Ideal is defined as lying on a straight line which passes through the final and mid-scale code transitions. Units in LSBs. Positive Full-Scale Input Overrange The absolute maximum positive voltage allowed for either accurate system calibration or accurate conversions. Units in volts. Negative Full-Scale Input Overrange The absolute maximum negative voltage allowed for either accurate system calibration or accurate conversions. Units in volts. Offset Calibration Range The CS5501/CS5503 calibrate their offset to the voltage applied to the AIN pin when in system calibration mode. The first code transition defines Unipolar Offset when BP/UP is low and the mid-scale transition defines Bipolar Offset when BP/UP is high. The Offset Calibration Range specification indicates the range of voltages applied to AIN that the CS5501 or CS5503 can accept and still calibrate offset accurately. Units in volts. Input Span The voltages applied to the AIN pin in system-calibration schemes define the CS5501/CS5503 analog input range. The Input Span specification indicates the minimum and maximum input spans from zero-scale to full-scale in unipolar, or from positive full scale to negative full scale in bipolar, that the CS5501/CS5503 can accept and still calibrate gain accurately. Units in volts. CS5501/CS5503 32 DS31F2 |