| Zakładka z wyszukiwarką danych komponentów |
|
CS5503-AP Arkusz danych(PDF) 16 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5503-AP Arkusz danych(HTML) 16 Page - Cirrus Logic |
|
16 / 54 page ![]() provide data output in UART compatible format. The baud rate of the SDATA output will be deter- mined by the rate of the SCLK input. The data which is output of the SDATA pin will be format- ted such that it will contain two 11 bit data packets. Each packet includes one start bit, eight data bits, and two stop bits. The packet which car- ries the most-significant-byte data will be output first, with its lsb being the first data bit output after the start bit. In this mode, DRDY will occur every 1024 clock cycles. If the serial port is not outputting a data byte, DRDY will return high after 1020 clock cy- cles and remain high for 4 clock cycles. DRDY will then go low to indicate that an update to the serial output port with a new 16 bit word has oc- curred. To initiate a transmission from the port the CS line must be taken low. Then SCLK, which is an input in this mode, must transition from a high to a low to latch the state of CS internal to the CS5501. Once CS is recognized and latched as a low, the port will begin to output data. Figure 7 details the timing for this output. CS can be re- tu rned high before the end of the 11-bit transmission and the transmission will continue until the second stop bit of the first 11-bit packet is output. The SDATA output will go into a high impedance state after the second stop bit is output. To obtain the second 11-bit packet CS must again be brought low before DRDY goes high or the second 11-bit data packet will be overwritten with a serial port update. For the second 11-bit packet, CS need only to go low for 50 ns; it need not be latched by a falling edge of SCLK. Alternately, the CS line can be taken low and held low until both 11-bit data packets are output. This is the preferred method of control as it will prevent los- ing the second 11-bit data packet if the port is updated. Some serial data rates can be quite slow compared to the rate at which the CS5501 can up- date its output port. A slow data rate will leave only a short period of time to start the second 11- bit packet if CS is returned high momentarily. If CS is held low continuously (CS hard-wired to DGND), the serial port will be updated only after all 22 bits have been clocked out of the port. Upon the completion of a transmission of the two 11-bit data packets the SDATA output will go into a high impedance state. If at any time during transmission the CS is taken back high, the cur- rent 11-bit data packet will continue to be output. At the end of the second stop bit of the data packet, the SDATA output will go into a high im- pedance state. Linearity Performance The CS5501/CS5503 delta-sigma converters are like conventional charge-balance converters in that they have no source of nonmonotonicity. The devices therefore have no missing codes in their transfer functions. See Figure 8 for a plot of the SCLK (i) SDATA (o) DRDY (o) CS (i) Stop 12 Stop Stop 12 Stop Hi-Z Start B8 B9 B14 B15 Start B0 B1 B6 B7 Figure 7. CS5501 Asynchronous (UART) Mode Timing CS5501/CS5503 16 DS31F2 |