| Zakładka z wyszukiwarką danych komponentów |
|
ADP2106ACPZ-1.8-R7 Arkusz danych(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP2106ACPZ-1.8-R7 Arkusz danych(HTML) 4 Page - Analog Devices |
|
4 / 32 page ![]() ADP2105/ADP2106/ADP2107 Rev. 0 | Page 4 of 32 Parameter Conditions Min Typ Max Unit THERMAL CHARACTERISTICS Thermal Shutdown Threshold 140 °C Thermal Shutdown Hysteresis 40 °C COMPENSATOR TRANSCONDUCTANCE (Gm) 50 μA/V ADP2105 1.875 A/V ADP2106 2.8125 A/V CURRENT SENSE AMPLIFIER GAIN (GCS)2 ADP2107 3.625 A/V 1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). Typical values are at TA = 25°C. 2 Guaranteed by design. 3 The ADP2015/ADP2106/ADP2107 line regulation was measured in a servo loop on the ATE that adjusts the feedback voltage to achieve a specific comp voltage. 4 All LX (switch node) characteristics are guaranteed only when the LX1 and LX2 pins are tied together. 5 These specifications are guaranteed from −40°C to +85°C. |