| Zakładka z wyszukiwarką danych komponentów |
|
ADSP-1981BL Arkusz danych(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-1981BL Arkusz danych(HTML) 20 Page - Analog Devices |
|
20 / 32 page ![]() AD1981BL Rev. A | Page 20 of 32 Table 26. Settings for Record Gain Register Reg. 0x76 Control Bits Record Gain (1Channel) Left-Channel Input Mixer D [11:8] Right-Channel Input Mixer D [3:0] MSPLT1 D15 Write Readback Function D71 Write Readback Function 0 0 1111 1111 22.5 dB Gain X 1111 1111 22.5 dB Gain 0 0 0000 0000 0 dB Gain X 0000 0000 0 dB Gain 0 1 XXXX XXXX −∞ dB Gain, Muted X XXXX XXXX −∞ dB Gain, Muted 1 0 1111 1111 22.5 dB Gain 1 XXXX XXXX −∞ dB Gain, Right Only Muted 1 1 XXXX XXXX −∞ dB Gain, Left Only Muted 0 1111 1111 22.5 dB Gain 1 1 XXXX XXXX −∞ dB Gain, Left Muted 1 XXXX XXXX −∞ dB Gain, Right Muted 1 For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels. If MSPLT is not set, the RM bit has no effect. X is a wild card, and has no effect on the value. GENERAL-PURPOSE REGISTER Index 0x20 Reg No. Name D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Default 0x20 General-Purpose X X X X X X MIX MS LPBK X X X X X X X 0x0000 This register should be read before writing to generate a mask for only the bit(s) that need to be changed. All registers are not shown, and bits containing an X are assumed to be reserved. Table 27. Bit Mnemonic Function LPBK Loopback Control ADC/DAC Digital Loopback Mode. 0 = No Loopback (default). 1 = Loopback PCM Digital Data from ADC Output to DAC. MS MIC Select Selects mono MIC input. 0 = Select MIC1. 1 = Select MIC2. See the 2CMIC bit in Register 0x76 to enable stereo microphone recording. MIX Mono Output Select Selects mono output audio source. 0 = Mixer Mono Output (reset default). 1 = MIC1 Channel. |