Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

516-038-520-226 Arkusz danych(PDF) 4 Page - EDAC, All Rights Reserved.

Numer części 516-038-520-226
Szczegółowy opis  516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EDAC [EDAC, All Rights Reserved.]
Strona internetowa  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

516-038-520-226 Arkusz danych(HTML) 4 Page - EDAC, All Rights Reserved.

  516-038-520-226 Datasheet HTML 1Page - EDAC, All Rights Reserved. 516-038-520-226 Datasheet HTML 2Page - EDAC, All Rights Reserved. 516-038-520-226 Datasheet HTML 3Page - EDAC, All Rights Reserved. 516-038-520-226 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
"B"
"C"
"D"
"E"
"F"
"G"
Top Entry
Side Entry
Large Clamp
Standard Clamp
Cover for
Connector
Cover
Material
Clamp
Size
"A"
"B"
"C"
"D"
"E"
"F"
"G"
20 Pin
Plastic
Standard 1.605 (40.77) 1.325 (33.66) 0.906 (23.01) 1.190 (30.23) 0.715 (18.16) 0.450 (11.43) 0.450 (11.43)
20 Pin
Metal
Standard 1.539 (39.09) 1.325 (33.66) 0.906 (23.01) 1.120 (28.45) 0.686 (17.42) 0.446 (11.33) 0.490 (12.45)
38 Pin
Plastic
Standard 2.460 (62.48) 2.010 (51.05) 1.530 (38.86) 1.985 (50.42) 0.910 (23.11) 0.650 (16.51) 0.500 (12.70)
38 Pin
Plastic
Large
2.460 (62.48) 2.010 (51.05) 1.530 (38.86) 1.985 (50.42) 1.110 (28.19) 0.650 (16.51) 0.608 (15.44)
38 Pin
Metal
Standard 2.206 (56.03) 2.006 (50.95) 1.566 (39.78) 1.766 (44.86) 0.875 (22.23) 0.720 (18.29) 0.575 (14.61)
56 Pin
Plastic
Standard 2.602 (66.09) 2.602 (66.09) 1.530 (38.86) 1.985 (50.42) 0.910 (23.11) 0.650 (16.51) 0.500 (12.70)
56 Pin
Plastic
Large
2.602 (66.09) 2.602 (66.09) 1.530 (38.86) 1.985 (50.42) 1.110 (28.19) 0.650 (16.51) 0.608 (15.44)
56 Pin
Metal
Standard 2.602 (66.09) 2.602 (66.09) 1.566 (39.78) 1.766 (44.86) 0.875 (22.23) 0.720 (18.29) 0.575 (14.61)
90 Pin
Plastic
Standard 2.718 (69.04) 2.718 (69.04) 1.775 (45.09) 2.181 (55.40) 1.250 (31.75) 0.800 (20.32) 0.800 (20.32)
90 Pin
Metal
Standard 2.718 (69.04) 2.718 (69.04) 1.775 (45.09) 2.175 (55.25) 1.234 (31.34) 0.880 (22.35) 0.900 (22.86)
120 Pin
Plastic
Standard 2.750 (69.85) 2.750 (69.85) 2.020 (51.31) 2.426 (61.62) 1.530 (38.86) 0.800 (20.32) 1.080 (27.43)
120 Pin
Metal
Standard 2.750 (69.85) 2.750 (69.85) 2.020 (51.31) 2.445 (62.10) 1.531 (38.89) 0.890 (22.61) 1.080 (27.43)
ACAD REFERENCE NO.
TORONTO, ONTARIO
YOUR CONNECTION TO QUALITY & SERVICE
EDAC INC
CANADA
CHECKED:
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
WITHOUT WRITTEN PERMISSION.
SCALE:
DRAWING NUMBER
DRAWN:
DATE:
ISSUE
SHEET
DATE:
ISSUE NUMBER
ORIGINAL
1
THIS IS A C.A.D. GENERATED DRAWING
DO NOT MAKE MANUAL REVISIONS TO MASTER.
516 Assembly
Cut-Out Panel Detail
516 Assembly
516 Assembly
4 OF 4
1
J.LEE
JUNE 18, 2009



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com