| Zakładka z wyszukiwarką danych komponentów |
|
P87LPC778 Arkusz danych(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87LPC778 Arkusz danych(HTML) 13 Page - NXP Semiconductors |
|
13 / 79 page ![]() Philips Semiconductors P87LPC778 CMOS single-chip 8-bit microcontroller Product data Rev. 01 — 31 March 2004 13 of 79 9397 750 12378 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. the A/D to stabilize. Prior to the beginning of an A/D conversion, one analog input pin must be selected for conversion via the AADR1 and AADR0 bits. These bits cannot be changed while the A/D is performing a conversion. An A/D conversion is started by setting the ADCS bit, which remains set while the conversion is in progress. When the conversion is complete, the ADCS bit is cleared and the ADCI bit is set. When ADCI is set, it will generate an interrupt if the interrupt system is enabled, the A/D interrupt is enabled (via the EAD bit in the IE1 register), and the A/D interrupt is the highest priority pending interrupt. When a conversion is complete, the result is contained in the register DAC0 and can be read to get the ADC result. This value will not change until another conversion is started. Before another A/D conversion may be started, the ADCI bit must be cleared by software. The A/D channel selection may be changed by the same instruction that sets ADCS to start a new conversion, but not by the same instruction that clears ADCI. The connections of the A/D converter are shown in Figure 5. The ideal A/D result may be calculated as follows: (1) Table 4: ADCON - A/D control register (address C0h) bit allocation Bit addressable; Reset value: 00H Bit 7 6 5 4 3 2 1 0 Symbol ENADC - - ADCI ADCS RCCLK AADR1 AADR0 Table 5: ADCON - A/D control register (address C0h) bit description Bit Symbol Description 7 ENADC When ENADC = 1, the A/D is enabled and conversions may take place. Must be set 10 microseconds before a conversion is started. ENADC cannot be cleared while ADCS or ADCI are ‘1’. 6, 5 - Reserved for future use. Should not be set to ‘1’ by user programs. 4 ADCI A/D conversion complete/interrupt flag. This flag is set when an A/D conversion is completed. This bit will cause a hardware interrupt if enabled and of sufficient priority. Must be cleared by software. 3 ADCS A/D start. Setting this bit by software starts the conversion of the selected A/D input. ADCS remains set while the A/D conversion is in progress and is cleared automatically upon completion. While ADCS or ADCI are one, new start commands are ignored. See Table 6. 2 RCCLK When RCCLK = 0, the CPU clock is used as the A/D clock. When RCCLK = 1, the internal RC oscillator is used as the A/D clock. This bit is writable while ADCS and ADCI are 0. 1, 0 AADR1, 0 Along with AADR0, selects the A/D channel to be converted. These bits can only be written while ADCS and ADCI are 0. See Table 7. Result V IN V SS – () 255 V DD V SS – -------------------------- round result to the nearest integer () × = |