Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4693 Arkusz danych(PDF) 21 Page - Analog Devices

Numer części LTM4693
Szczegółowy opis  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

LTM4693 Arkusz danych(HTML) 21 Page - Analog Devices

Back Button LTM4693 Datasheet HTML 16Page - Analog Devices LTM4693 Datasheet HTML 17Page - Analog Devices LTM4693 Datasheet HTML 18Page - Analog Devices LTM4693 Datasheet HTML 19Page - Analog Devices LTM4693 Datasheet HTML 20Page - Analog Devices LTM4693 Datasheet HTML 21Page - Analog Devices LTM4693 Datasheet HTML 22Page - Analog Devices LTM4693 Datasheet HTML 23Page - Analog Devices LTM4693 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
LTM4710-1
21
Rev. 0
For more information www.analog.com
PACKAGE PINOUT DESCRIPTION
PIN
PIN NAME
PIN
PIN NAME
PIN
PIN NAME
PIN
PIN NAME
PIN
PIN NAME
PIN
PIN NAME
A9
GND
B9
NC
C9
NC
D9
VIN1
E9
GND
F9
VOUT1
A8
NC
B8
NC
C8
NC
D8
AGND1
E8
GND
F8
VOUT1
A7
NC
B7
NC
C7
NC
D7
VOSNS1
E7
GND
F7
VOUT1
A6
FB1
B6
COMP1b
C6
COMP1a
D6
RT1
E6
GND
F6
FB2
A5
RUN1
B5
SSTT1
C5
PG1
D5
MODE1
E5
GND
F5
RUN2
A4
VIN1
B4
VIN1
C4
VIN1
D4
VIN1
E4
GND
F4
VIN2
A3
GND
B3
GND
C3
GND
D3
GND
E3
GND
F3
GND
A2
GND
B2
GND
C2
GND
D2
GND
E2
GND
F2
GND
A1
GND
B1
GND
C1
GND
D1
GND
E1
GND
F1
GND
G9
VOUT1
H9
GND
J9
VOUT2
K9
VOUT2
L9
GND
M9
VOUT3
G8
VOUT1
H8
GND
J8
VOUT2
K8
VOUT2
L8
GND
M8
VOUT3
G7
VOUT1
H7
AGND2
J7
VOUT2
K7
VOUT2
L7
AGND3
M7
VOUT3
G6
COMP2b
H6
COMP2a
J6
RT2
K6
FB3
L6
COMP3b
M6
COMP3a
G5
SSTT2
H5
PG2
J5
MODE2
K5
RUN3
L5
SSTT3
M5
PG3
G4
VIN2
H4
VIN2
J4
VIN2
K4
VIN3
L4
VIN3
M4
VIN3
G3
GND
H3
GND
J3
GND
K3
GND
L3
GND
M3
GND
G2
SW1
H2
GND
J2
GND
K2
SW2
L2
GND
M2
GND
G1
GND
H1
GND
J1
GND
K1
GND
L1
GND
M1
GND
N9
VOUT3
P9
GND
R9
VOUT4
T9
VOUT4
U9
GND
V9
GND
N8
VOUT3
P8
GND
R8
VOUT4
T8
VOUT4
U8
GND
V8
GND
N7
VOUT3
P7
GND
R7
VOUT4
T7
VOUT4
U7
AGND4
V7
GND
N6
RT3
P6
GND
R6
FB4
T6
COMP4b
U6
COMP4a
V6
RT4
N5
MODE3
P5
GND
R5
RUN4
T5
SSTT4
U5
PG4
V5
MODE4
N4
VIN3
P4
GND
R4
VIN4
T4
VIN4
U4
VIN4
V4
VIN4
N3
GND
P3
GND
R3
GND
T3
GND
U3
GND
V3
GND
N2
SW3
P2
GND
R2
GND
T2
SW4
U2
GND
V2
GND
N1
GND
P1
GND
R1
GND
T1
GND
U1
GND
V1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24