| Zakładka z wyszukiwarką danych komponentów |
|
74LVC00ABQ Arkusz danych(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC00ABQ Arkusz danych(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 12 page ![]() Nexperia 74LVC00A Quad 2-input NAND gate 4. Functional diagram mna212 1A 1Y 1B 1 2 3 2A 2Y 2B 4 5 6 3A 3Y 3B 9 10 8 4A 4Y 4B 12 13 11 Fig. 1. Logic symbol mna246 3 1 2 & 6 4 5 & 8 9 10 & 11 12 13 & Fig. 2. IEC logic symbol mna211 A B Y Fig. 3. Logic diagram (one gate) 5. Pinning information 5.1. Pinning 74LVC00A 1A VCC 1B 4B 1Y 4A 2A 4Y 2B 3B 2Y 3A GND 3Y 001aac938 1 2 3 4 5 6 7 8 10 9 12 11 14 13 Fig. 4. Pin configuration for SOT108-1 (SO14) and SOT402-1 (TSSOP14) 001aac939 74LVC00A Transparent top view 2Y 3A 2B 3B 2A 4Y 1Y 4A 1B 4B GND(1) 6 9 5 10 4 11 3 12 2 13 terminal 1 index area (1) This is not a ground pin. There is no electrical or mechanical requirement to solder the pad. In case soldered, the solder land should remain floating or connected to GND. Fig. 5. Pin configuration for SOT762-1 (DHVQFN14) 5.2. Pin description Table 2. Pin description Symbol Pin Description 1A to 4A 1, 4, 9, 12 data input 1B to 4B 2, 5, 10, 13 data input 1Y to 4Y 3, 6, 8,11 data output GND 7 ground (0 V) VCC 14 supply voltage 74LVC00A All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 9 — 17 September 2021 2 / 12 |