| Zakładka z wyszukiwarką danych komponentów |
|
AD9396/PCB Arkusz danych(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9396/PCB Arkusz danych(HTML) 24 Page - Analog Devices |
|
24 / 48 page ![]() AD9396 Rev. 0 | Page 24 of 48 Hex Address Read/Write or Read Only Bits Default Value Register Name Description 0x21 Read/Write [7] 1******* SP Sync Filter Enable Enables coast, VSYNC duration, and VSYNC filter to use the regenerated HSYNC rather than the raw HSYNC. [6] *1****** PLL Sync Filter Enable Enables the PLL to use the filtered HSYNC rather than the raw HSYNC. This clips any bad HSYNCs, but does not regenerate missing pulses. [5] **0***** VSYNC Filter Enable Enables the VSYNC filter. The VSYNC filter gives a predictable HSYNC/VSYNC timing relationship but clips one HSYNC period off the leading edge of VSYNC. [4] ***0**** VSYNC Duration Enable Enables the VSYNC duration block. This block can be used if necessary to restore the duration of a filtered VSYNC. [3] **** 1*** Auto-Offset Clamp Mode 0 = auto-offset measures code during clamp. 1 = auto-offset measures code (10 or 16) clock cycles after end of clamp for 6 clock cycles. [2] **** *1** Auto-Offset Clamp Length Sets delay after end of clamp for auto-offset clamp mode = 1. 0 = delay is 10 clock cycles. 1 = delay is 16 clock cycles. 0x22 Read/Write [7:0] 4 VSYNC Duration VSYNC duration. 0x23 Read/Write [7:0] 32 HSYNC Duration HSYNC duration. Sets the duration of the output HSYNC in pixel clocks. 0x24 Read/Write [7] 1******* HSYNC Output Polarity Output HSYNC polarity (both DVI and analog). 0 = active low out. 1 = active high out. [6] *1****** VSYNC Output Polarity Output VSYNC polarity (both DVI and analog). 0 = active low out. 1 = active high out. [5] **1***** DE Output Polarity Output DE polarity (both DVI and analog). 0 = active low out. 1 = active high out. [4] ***1**** Field Output Polarity Output field polarity (both DVI and analog). 0 = active low out. 1 = active high out. [3] ****1*** SOG Output Polarity Output SOG polarity (analog only). 0 = active low out. 1 = active high out. [2:1] *****11* SOG Output Select Selects signal present on SOG output. 00 = SOG (SOG0 or SOG1). 01 = raw HSYNC (HSYNC0 or HSYNC1). 10 = regenerated sync. 11 = HSYNC to PLL. [0] *******0 Output CLK Invert 0 = don’t invert clock out. 1 = invert clock out. 0x25 Read/Write [7:6] 01****** Output CLK Select Selects which clock to use on output pin. 1× CLK is divided down from TMDS clock input when pixel repetition is in use. 00 = ½× CLK. 01 = 1× CLK. 10 = 2× CLK. 11 = 90° phase 1× CLK. [5:4] **11**** Output Drive Strength Sets the drive strength of the outputs. 00 = lowest, 11 = highest. |