| Zakładka z wyszukiwarką danych komponentów |
|
ADA4853-2YCPZ-R2 Arkusz danych(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4853-2YCPZ-R2 Arkusz danych(HTML) 4 Page - Analog Devices |
|
4 / 16 page ![]() ADA4853-1/ADA4853-2/ADA4853-3 Rev. B | Page 4 of 16 SPECIFICATIONS WITH 5 V SUPPLY TA = 25°C, RF = 1 kΩ, RG = 1 kΩ for G = +2, RL = 150 Ω, unless otherwise noted. Table 2. Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Bandwidth G = +1, VO = 0.1 V p-p 100 MHz G = +2, VO = 2 V p-p 35 MHz Bandwidth for 0.5 dB Flatness G = +2, VO = 2 V p-p 22 MHz Settling Time to 0.1% VO = 2 V step 54 ns Slew Rate G = +2, VO = 2 V step 93 120 V/μs NOISE/DISTORTION PERFORMANCE Differential Gain RL = 150 Ω 0.22 % Differential Phase RL = 150 Ω 0.10 Degrees Input Voltage Noise f = 100 kHz 22 nV/√Hz Input Current Noise f = 100 kHz 2.2 pA/√Hz Crosstalk G = +2, VO = 2 V p-p, RL = 150 Ω, f = 5 MHz −66 dB DC PERFORMANCE Input Offset Voltage 1 4.1 mV Input Offset Voltage Drift 1.6 μV/°C Input Bias Current 1.0 1.7 μA Input Bias Current Drift 4 nA/°C Input Bias Offset Current 60 nA Open-Loop Gain VO = 0.5 V to 4.5 V 72 80 dB INPUT CHARACTERISTICS Input Resistance Differential/common mode 0.5/20 MΩ Input Capacitance 0.6 pF Input Common-Mode Voltage Range −0.2 to +VCC − 1.2 V Input Overdrive Recovery Time (Rise/Fall) VIN = −0.5 V to +5.5 V, G = +1 40 ns Common-Mode Rejection Ratio VCM = 0 V to 3 V −71 −88 dB POWER-DOWN Power-Down Input Voltage Power-down 1.2 V Turn-Off Time 1.5 μs Turn-On Time 120 ns Power-Down Bias Current Enabled Power-down = 5 V 40 50 μA Power-Down Power-down = 0 V 0.01 μA OUTPUT CHARACTERISTICS Output Overdrive Recovery Time VIN = −0.25 V to +2.75 V, G = +2 55 ns Output Voltage Swing RL = 75 Ω 0.55 to 4.5 0.1 to 4.8 V Short-Circuit Current Sinking/sourcing 160/120 mA POWER SUPPLY Operating Range 2.65 5 V Quiescent Current 1.4 1.8 mA/amplifier Quiescent Current (Power-Down) Power-down = low 0.1 1.5 μA Positive Power Supply Rejection +VS = +2.5 V to +3.5 V, −VS = −2.5 V −75 −80 dB Negative Power Supply Rejection −VS = −2.5 V to −3.5 V, +VS = +2.5 V −75 −80 dB |