Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2702GA Arkusz danych(PDF) 2 Page - Sony Corporation

Numer części CXA2702GA
Szczegółowy opis  Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2702GA Arkusz danych(HTML) 2 Page - Sony Corporation

  CXA2702GA Datasheet HTML 1Page - Sony Corporation CXA2702GA Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I Figure 1 CXA2701GA Block Diagram
I Figure 2 CXA2702GA Block Diagram
(Items in parentheses apply to the CXA2716GA.)
I Figure 3 CXA2701GA Pin Configuration
I Figure 4 CXA2702GA Pin Configuration
(Items in parentheses apply to the CXA2716GA.)
I Figure 7 CXA2716GA Acceptance Pattern Dimensions
I Figure 5 CXA2701GA Acceptance Pattern Dimensions
I Figure 6 CXA2702GA Acceptance Pattern Dimensions
I Figure 8 Recommended Reflow Soldering Temperature
Profile (Lead-free soldering)
Vout+
Vcc
Vc
GND
Low
740
1 k
1 k
200
200
50 k
50 k
High
High
Photodiode
SW
Vin1
Vin2
IVout
VR2
VR1
4
11
Vc_MONI 12
1
9
6
10
5
8
GND
2
×1.8
×1
Vout–
7
Low
+
+
+
1
10
5
4
14
17
12
7
Vcc
Vc
GND
VLIMIT
RF+
A
Vc
B
C
D
RF–
WPP1
WPP2
3
2
SWA
SWB
6
×3
A
A
Vc
A'
+
+
+
+
+
+
+
+
+
+
+
+
8
B
×3
B
Vc
B'
13
C
×3
C
Vc
C'
11
D
×3
D
Vc
D'
9
E
(EF2)
×3
E
(E2+F2)
Vc
18
F
(EF1)
×3
F
(E1+F1)
Vc
16
G
(EF3)
×3
G
(E3+F3)
Vc
15
H
(EF4)
×3
H
(E4+F4)
Vc
A
B
C
D
B'
Vc
Vcc
Vc
C'
A'
Vc
D'
9
10
11
12
IVout
Vout–
SW
Vout+
Vin2
Vin1
Vc
Vc_MONI
GND GND
NC
Vcc
1
2
3
5
6
7
8
4
14
15
16
17
18
RF+
D
A
WPP1
WPP2
C
B
H
(EF4)
G
(EF3) RF–
F
(EF1)
Vcc SWB SWA VLIMIT GND
1
2
3
4
6
7
8
E
(EF2)
9
11
Vc
10
12
13
5
φ 0.7 mm
Photosensitive area position:
At the package center
180
°C
150
°C
2 to 4
°C/s
(3 to 6
°C/s)
2 to 6
°C/s
Peak: 250
°C Max.
230
°C or more
Pre Heating Zone
90
± 30 s
30
± 10 s
Soldering Zone
Heating time
250
200
150
100
50
[
°C]
Note: The temperatures shown are package surface temperatures.
120
120
D
120
35
35
C
A
B
E4
E3
E1
E2
F4
F3
F1
F2
Unit:
µm
H
120
G
F
120
E
D
120
35
35
C
A
B
Unit:
µm



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com