Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TAS10212005A Arkusz danych(PDF) 2 Page - NHP Electrical Engineering Products

Numer części TAS10212005A
Szczegółowy opis  CT SOLID CORE 1200/5A 102 x 38mm 15VA CL1 12VA CL0.5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NHP [NHP Electrical Engineering Products]
Strona internetowa  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

TAS10212005A Arkusz danych(HTML) 2 Page - NHP Electrical Engineering Products

  TAS10212005A Datasheet HTML 1Page - NHP Electrical Engineering Products TAS10212005A Datasheet HTML 2Page - NHP Electrical Engineering Products TAS10212005A Datasheet HTML 3Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Energy Management and Building Automation > Energy Management and Metering > Transducers and Transformers >
IME Solid Core Current Transformers > Busbar Type Current Transformers > TAS102
CT SOLID CORE 1200/5A 102 x 38mm 15VA CL1 12VA CL0.5
TAS102 1200/5A
Catalogue No:
IP Rating, Terminals
Details, IP Rating
Height
Width
Depth
Weight
Operating Temperature, Min
Operating Temperature, Max
Continuous Temperature, Max
Storage Temperature, Min
Storage Temperature, Max
Relative Humidity, Max
Humidity Type
Standards Compliance
IP00
IP20 (with sealable terminal cover)
98 mm
40 mm
129 mm
1 kg
-25 °C min
50 °C max
30 °C
-40 °C min
85 °C max
85 %RH
Short-Term Condensation
EN 60044-1
IEC 60044-1
REFERENCES
Installation Guide:
-
User Manual:
-
Manufacturer Datasheet:
-
Manufacturer Catalogue
& Product Selection:
-
Supplier Declaration of
Conformity:
-
IECEx Certificate
-
Dimension Diagram
Page 2 of 3
11 October 2022,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
TAS10212005A Datasheet
NHP Electrical Engineering Products



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com