| Zakładka z wyszukiwarką danych komponentów |
|
LM2902W Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM2902W Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 10 page ![]() LM2902W 4/10 GBP Gain Bandwidth Product Vcc = 30V,Vin = 10mV, RL = 2kΩ, CL = 100pF 1.3 MHz THD Total Harmonic Distortion f = 1kHz, AV = 20dB, RL = 2kΩ, Vo = 2Vpp, CL = 100pF, Vcc = 30V 0.015 % en Equivalent Input Noise Voltage f = 1kHz, RS = 100Ω, Vcc = 30V 40 DVio Input Offset Voltage Drift 7 30 µV/°C DIio Input Offset Current Drift 10 200 pA/°C VO1/VO2 Channel Separation 4) 1kHz ≤ f ≤ 20kHz 120 dB 1. VO = 1.4V, RS = 0Ω, 5V < VCC + < 30V, 0V < V ic < VCC + - 1.5V 2. The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output, so no loading charge change exists on the input lines 3. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is VCC + –1.5V, but either or both inputs can go to +32V without damage. 4. Due to the proximity of external components insure that coupling is not originating via stray capacitance between these external parts. This typically can be detected as this type of capacitance increases at higher frequences. Symbol Parameter Min. Typ. Max. Unit nV Hz ------------ -55-35-15 5 25 45 65 85 105 125 AMBIENT TEMPERATURE (°C) 24 21 18 15 9 12 6 3 0 INPUT BIAS CURRENT versus AMBIENT TEMPERATURE IB (nA) CURRENT LIMITING (Note 1) - + IO TEMPERATURE (°C) 90 80 70 60 50 40 30 20 10 0 -55 -35 -15 5 25 45 65 85 105 125 INPUT VOLTAGE RANGE 0 5 10 15 POWER SUPPLY VOLTAGE (±V) Négative Positive 15 10 5 SUPPLY CURRENT 010 20 30 Tamb = -55°C VCC mA ID - + Tamb = 0°C to +125°C POSITIVE SUPPLY VOLTAGE (V) 4 3 2 1 |