| Zakładka z wyszukiwarką danych komponentów |
|
CDB5335 Arkusz danych(PDF) 3 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB5335 Arkusz danych(HTML) 3 Page - Cirrus Logic |
|
3 / 18 page ![]() CDB5334/35/60 DS194DB3 3 circuit. The analog input connector is a standard fe- male XLR with Pin 2 positive, Pin 3 return, and Pin 1 shield. R1, R5, and C8 form an RC network which pro- vides anti-alias filtering and the optimum source impedance for the CS5334, CS5335, or CS5360 right channel inputs. R2, R3, and C42 duplicate this function for the left channel. Space has been left on the evaluation board for in- put protection diodes D1-D4 on the right channel, and D8-D11 on the left channel, shown in Figure 3. These diodes are optional as the CS5334, CS5335, and CS5360 are able to withstand input currents of 100mA maximum, as stated in the CS5334/CS5335 and CS5360 data sheets. The out- put current from the op-amp used in the analog fil- ter on the evaluation board is not able to deliver a current that exceeds 100mA. Input protection di- odes are recommended if there is a possibility that over-range signals could be applied at the ADC in- puts which exceed this level. See the application note, "A/D Converter Input Protection Techniques" in the 1994 Crystal Semiconductor Audio Da- tabook. CS5334, CS5335, and CS5360 A/D Converters The CS5334, CS5335, and CS5360 A/D converters are shown in Figure 4. A description of these devic- es are included in the CS5334/CS5335 and CS5360 data sheets. CS8402A Digital Audio Interface Figure 5 shows the circuitry for the CS8402A dig- ital audio interface transmitter. The CS8402A can implement AES/EBU, S/PDIF, and EIAJ-340 in- terface standards. The Digital Interface Format (DIF) for the transmitter is set automatically to match the format chosen for the CS5334, CS5335, or CS5360 (the DIF is selected by the DIF1 and DIF0 switches on SW1, as defined in Table 3). SW2 provides 8 DIP switches to select various modes and bits for the CS8402A; switch defini- tions and the default settings for SW2 are listed in Tables 4 and 5. Digital outputs are provided on an RCA connector via isolation transformer and on an optical transmitter. For more detailed information on the CS8402A and the digital audio standards, see the CS8401A/CS8402A data sheet. Serial Output Interface A serial output interface is provided on HDR2, as shown in Figure 6. When the SMODE1 and SMODE2 jumpers, defined in Table 2, are set to the MASTER position, MCLK, SCLK, LRCK, SDATA, and FRAME signals are outputs. When the SMODE1 and SMODE2 jumpers are in the SLAVE position, MCLK, SDATA, and FRAME are outputs, while SCLK and LRCK become in- puts. Hence, in SLAVE mode, the SCLK and LRCK signals must be externally derived from MCLK to run the ADC. All signals are buffered in order to isolate the converter from external circuit- ry. Signal buffering is provided by a 74HCT243 transceiver (U10) and a 74HCT541 buffer (U11). ALTERA PLD AND PEAK SIGNAL LEVEL LEDS The Altera EPM7128 programmable logic device (PLD), shown in Figure 8, is designed to support three major features on the evaluation board. First, it automatically configures the CS8402A transmit- ter to accept the Digital Interface Format chosen for the CS5334, CS5335, or CS5360. Second, the PLD provides a 128x Fs master clock for the CS8402A. Third, it decodes and updates the Peak Signal Level (PSL) bits which give information about the ampli- tude of the input signal. CS8402A Format Configuration The CS5334, CS5335, and CS5360 support three Digital Interface Formats for both master and slave configurations. Format 0 has valid data on the ris- ing edge of SCLK. The CS8402A transmitter has no corresponding mode which matches Format 0, |