| Zakładka z wyszukiwarką danych komponentów |
|
BL-R1138C Arkusz danych(PDF) 1 Page - Yellow Stone Corp |
|
|
|||||||||||||||||||||||||||||
BL-R1138C Arkusz danych(HTML) 1 Page - Yellow Stone Corp |
|
1 / 2 page ![]() Chip Absolute Maximum Ratings Electro-optical Data(At 20mA) Vf (V) Iv (mcd) Package Part No. Material/ Emitted Color Peak Wave Length p (nm) Lens Appearance (nm) Pd (mw) If (mA) Peak (mA) Typ Max Typ. Viewing Angle 2 1/2 (deg) Drawing No. BL-R1138A GaAsP/GaAs/Red 655 40 80 40 200 1.7 2.0 0.5 BL-R5138A GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 0.8 BL-R4538A GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 6.0 BL-R2138A GaP/GaP/ Green 568 30 80 30 150 2.2 2.6 6.0 BL-RX1138A GaP/GaP/ Hi-Eff Green 568 Green Diffused 30 80 30 150 2.2 2.6 8.0 BL-R3138A GaAsP/GaP/ Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 5.0 1.8x5.0x 5.2mm 1.0" Lead Rectangular BL-R4138A GaAsP/GaP/ Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 6.0 125 L-097 BL-R1138B GaAsP/GaAs/Red 655 40 80 40 200 1.7 2.0 0.6 BL-R5138B GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 0.9 BL-R4538B GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 6.5 BL-R2138B GaP/GaP/ Green 568 30 80 30 150 2.2 2.6 6.5 BL-RX1138B GaP/GaP/ Hi-Eff Green 568 Green Diffused 30 80 30 150 2.2 2.6 8.5 BL-R3138B GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 5.5 1.9x5.4x 9.0mm 1.0" Lead Rectangular BL-R4138B GaAsP/GaP / Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 6.5 125 L-098 BL-R1138C GaAsP/GaAs/Red 655 40 80 40 200 1.7 2.0 0.6 BL-R5138C GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 0.9 BL-R4538C GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 6.5 BL-R2138C GaP/GaP/ Green 568 30 80 30 150 2.2 2.6 6.5 BL-RX1138C GaP/GaP/ Hi-Eff Green 568 Green Diffused 30 80 30 150 2.2 2.6 8.5 BL-R3138C GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 5.5 1.9x5.3x 8.0mm 1.0" Lead Rectangular BL-R4138C GaAsP/GaP / Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 6.5 125 L-099 BL-R1139-T GaAsP/GaAs/Red 655 40 80 40 200 1.7 2.0 3.0 BL-R5139-T GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 5.0 BL-R4539-T GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 12.0 BL-R2139-T GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 12.0 BL-RX1139-T GaP/GaP/ Hi-Eff Green 568 30 80 30 150 2.2 2.6 15.0 BL-R3139-T GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 13.0 2.5x7.0x 7.8mm 1.0" Lead Rectangular BL-R4139-T GaAsP/GaP / Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 12.0 130 L-100 BL-R1139A GaAsP/GaAs/Red 655 40 80 40 200 1.7 2.0 1.2 BL-R5139A GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 2.0 BL-R4539A GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 7.0 BL-R2139A GaP/GaP/ Green 568 30 80 30 150 2.2 2.6 7.0 BL-RX1139A GaP/GaP/ Hi-Eff Green 568 Green Diffused 30 80 30 150 2.2 2.6 10.0 BL-R3139A GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 6.0 2.3x7.0x 7.0mm 1.0" Lead Rectangular BL-R4139A GaAsP/GaP / Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 10.0 130 L-101 BL-R1139B GaAsP/GaAs/Red 655 40 80 40 200 1.7 2.0 0.4 BL-R5139B GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 0.6 BL-R4539B GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 7.0 BL-R2139B GaP/GaP/ Green 568 30 80 30 150 2.2 2.6 7.0 BL-RX1139B GaP/GaP/ Hi-Eff Green 568 Green Diffused 30 80 30 150 2.2 2.6 10.0 BL-R3139B GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 6.0 4.0x7.0x 9.5mm 1.0" Lead Rectangular BL-R4139B GaAsP/GaP / Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 7.0 120 L-102 BL-R1130 GaAsP/GaAs/Red 655 40 80 40 200 1.7 2.0 0.6 BL-R5130 GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 1.0 BL-R4530 GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 7.0 BL-R2130 GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 7.0 BL-R3130 GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 6.0 5.0x5.0x 7.1mm 1.0" Lead Rectangular BL-R4130 GaAsP/GaP / Orange 635 Orange Diffused 25 80 30 150 2.0 2.6 7.0 150 L-103 BL-R1130A-T GaAsP/GaAs/Red 655 40 80 40 200 1.7 2.0 0.6 BL-R5130A-T GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 1.0 BL-R4530A-T GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 7.0 BL-R2130A-T GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 7.0 5.0x5.0 9.5mm 1.0" Lead Rectangular BL-R3130A-T GaAsP/GaP/ Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 6.0 150 L-104 Remark 1.Hi-Eff Red / High-Efficiency Red. 2.Trans / Transparent. 3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity. Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |
Podobny numer części - BL-R1138C |
|
Podobny opis - BL-R1138C |