| Zakładka z wyszukiwarką danych komponentów |
|
GTRA262802FC-V2-R0 Arkusz danych(PDF) 3 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
GTRA262802FC-V2-R0 Arkusz danych(HTML) 3 Page - WOLFSPEED, INC. |
|
3 / 9 page ![]() GTRA262802FC 3 Rev. 03.3, 2022-1-27 © 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc. The information in this document is subject to change without notice. 4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 Typical Performance (data taken in a production test fixture) Figure 1. Single-carrier WCDMA Drive-up Figure 2. Single-carrier WCDMA Broadband Performance 0 10 20 30 40 50 60 70 -70 -60 -50 -40 -30 -20 -10 0 25 30 35 40 45 50 55 Average Output Power (dBm) Single-carrier WCDMA Drive-up VDD = 48 V, IDQ(MAIN) = 100 mA, VGS(PEAK) = –5.0 V, ƒ = 2635 MHz, 3GPP WCDMA signal, PAR = 10 dB, 3.84 MHz BW ACPU ACPL Efficiency gtra262802fc_g2 20 30 40 50 60 12 14 16 18 20 2450 2500 2550 2600 2650 2700 2750 Frequency (MHz) Single-carrier WCDMA Broadband Performance VDD = 48 V, IDQ(MAIN) = 100 mA, VGS(PEAK) = –5.0 V, POUT = 45.8 dBm, 3GPP WCDMA signal, PAR = 10 dB Efficiency Gain gtra262802fc_g3 0 10 20 30 40 50 60 70 -70 -60 -50 -40 -30 -20 -10 0 25 30 35 40 45 50 55 Average Output Power (dBm) Single-carrier WCDMA Drive-up VDD = 48 V, IDQ(MAIN) = 100 mA, VGS(PEAK) = –5.0 V, ƒ = 2635 MHz, 3GPP WCDMA signal, PAR = 10 dB, 3.84 MHz BW ACPU ACPL Efficiency gtra262802fc_g2 20 30 40 50 60 12 14 16 18 20 2450 2500 2550 2600 2650 2700 2750 Frequency (MHz) Single-carrier WCDMA Broadband Performance VDD = 48 V, IDQ(MAIN) = 100 mA, VGS(PEAK) = –5.0 V, POUT = 45.8 dBm, 3GPP WCDMA signal, PAR = 10 dB Efficiency Gain gtra262802fc_g3 Ordering Information Type and Version Order Code Package Description Shipping GTRA262802FC V2 R0 GTRA262802FC-V2-R0 H-37248C-4 Tape & Reel, 50 pcs GTRA262802FC V2 R2 GTRA262802FC-V2-R2 H-37248C-4 Tape & Reel, 250 pcs |