| Zakładka z wyszukiwarką danych komponentów |
|
PXAE261908NF Arkusz danych(PDF) 2 Page - WOLFSPEED, INC. |
|
|
|||||||||||||||||||||||||||||
PXAE261908NF Arkusz danych(HTML) 2 Page - WOLFSPEED, INC. |
|
2 / 9 page ![]() 2 PXAE261908NF ® 4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com DC Characteristics Characteristic Conditions Symbol Min Typ Max Unit Drain-source Breakdown Voltage VGS = 0 V, IDS = 10 mA V(BR)DSS 65 — — V Drain Leakage Current VDS = 28 V, VGS = 0 V IDSS — — 1 µA VDS = 63 V, VGS = 0 V IDSS — — 10 µA Gate Leakage Current VGS = 10 V, VDS = 0 V IGSS — — 1 µA On-state Resistance (main) VGS = 10 V, VDS = 0.1 V RDS(on) — 0.08 — W (peak) VGS = 10 V, VDS = 0.1 V RDS(on) — 0.03 — W Operating Gate Voltage (main) VDS = 28 V, IDQ = 450 mA VGS 2.7 3 3.3 V (peak) VDS = 28 V, IDQ = 0 mA VGS — 1.5 — V Maximum Ratings Parameter Symbol Value Unit Drain-source Voltage VDSS 65 V Gate-source Voltage VGS –6 to +10 V Operating Voltage VDD 0 to +32 V Junction Temperature TJ 225 °C Storage Temperature Range TSTG –65 to +150 °C Thermal Characteristics Characteristic Symbol Value Unit Thermal Resistance (main, TCASE = 70°C, 32 W CW) RqJC 0.96 °C/W (peak, TCASE = 70°C, 56 W CW) RqJC 0.36 °C/W Ordering Information Type and Version Order Code Package Shipping PXAE261908NF V1 R5 PXAE261908NF-V1-R5 PG-HBSOF-6-3 Tape & Reel, 500 pcs 4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com Rev. 04, 2023-07-24 |