Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IXCP10M35S Arkusz danych(PDF) 2 Page - IXYS Corporation

Numer części IXCP10M35S
Szczegółowy opis  Switchable Current Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXCP10M35S Arkusz danych(HTML) 2 Page - IXYS Corporation

  IXCP10M35S Datasheet HTML 1Page - IXYS Corporation IXCP10M35S Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
V
GS - Volts
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
0.1
1
10
100
1000
Series Resistor R
X - Ohms
10
100
1000
10000
1
10
100
Fig. 3. Current regulator controlled by V
G
Fig. 4. Plateau current versus applied input voltage
Fig. 1 Resistor R
K in series with negative pin
to achieve different current levels
Fig. 2. Plateau current versus external resistance
A (+)
G
R
K
K
(-)
I
D(p)
V
D
TO-220 AB Outline
TO-252 AA Outline
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19 2.38
0.086
0.094
A1
0.89 1.14
0.035
0.045
A2
0 0.13
0
0.005
b
0.64 0.89
0.025
0.035
b1
0.76 1.14
0.030
0.045
b2
5.21 5.46
0.205
0.215
c
0.46 0.58
0.018
0.023
c1
0.46 0.58
0.018
0.023
D
5.97 6.22
0.235
0.245
D1
4.32 5.21
0.170
0.205
E
6.35 6.73
0.250
0.265
E1
4.32 5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51 1.02
0.020
0.040
L1
0.64 1.02
0.025
0.040
L2
0.89 1.27
0.035
0.050
L3
2.54 2.92
0.100
0.115
G
I
D(p)
A (+)
K
(-)
V
GK
V
D
IXCP 10M35S
IXCY 10M35S
IXCP 10M45S
IXCY 10M45S



Html Pages

1 2