| Zakładka z wyszukiwarką danych komponentów |
|
LS2802R5D/CK Arkusz danych(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
LS2802R5D/CK Arkusz danych(HTML) 6 Page - International Rectifier |
|
6 / 16 page ![]() 6 www.irf.com LS-SERIES Radiation Performance Characterstics Circuit for Measuring Output Ripple Voltage + Vout Return DUT R L for IRATED 0.1 µF 50 Ω Coax 50 Ω Oscilliscope or equivalent with 10 MHz bandwidth, multiply readings by 2. 1 µF 50 Ω Termination Test Conditions Min Typ Highest Level Tested Unit Total Ionizing Dose ( Gamma ) MIL-STD-883, Method 1019 Operating bias applied during exposure, Full Rated Load, VIN = 28V 100 Krads (Si) Single Event Effects SEU, SEL, SEGR, SEB Heavy ions (LET) Operating bias applied during exposure, Full Rated Load, VIN = 28V >82 82 MeV-cm 2 /mg International Rectifier currently does not have a DSCC certified Radiation Hardness Assurance Program. |