| Zakładka z wyszukiwarką danych komponentów |
|
IDT7134LA55JI Arkusz danych(PDF) 5 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT7134LA55JI Arkusz danych(HTML) 5 Page - Integrated Device Technology |
|
5 / 11 page ![]() 5 IDT7134SA/LA High-Speed 4K x 8 Dual-Port Static SRAM Military, Industrial and Commercial Temperature Ranges VCC CE DATA RETENTION MODE 4.5V 4.5V VDR ≥ 2V VDR VIH VIH tCDR tR 2720 drw 05 Data Retention Characteristics Over All Temperature Ranges (LA Version Only) VLC = 0.2V, VHC = VCC - 0.2V Data Retention Waveform AC Test Conditions Figure 1. AC Output Test Load Figure 2. Output Test Load (for tLZ, tHZ, tWZ, tOW) *Including scope and jig +5V 1250 Ω 30pF 775 Ω DATAOUT 2720 drw 06 , +5V 1250 Ω 5pF * 775 Ω DATAOUT 2720 drw 07 , NOTES: 1. VCC = 2V, TA = +25°C, and are not production tested. 2. tRC = Read Cycle Time. 3. This parameter is guaranteed by device characterization, but not production tested. Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V 5ns 1.5V 1.5V Figures 1 and 2 2720 tbl 08 Symbol Parameter Test Condition Min. Typ.(1) Max. Unit VDR VCC for Data Retention VCC = 2V 2.0 ___ ___ V ICCDR Data Retention Current CE > VHC VIN > VHC or < VLC MIL. & IND. ___ 100 4000 µA COM'L. ___ 100 1500 tCDR(3) Chip Deselect to Data Retention Time 0 ___ ___ ns tR(3) Operation Recovery Time tRC(2) ___ ___ ns 2720 tbl 07 |