Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ED-527 Arkusz danych(PDF) 4 Page - Black Box Registered Trademark

Numer części ED-527
Szczegółowy opis  ED-527 ETHERNET TO Digital IO 16 Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BLACKBOX [Black Box Registered Trademark]
Strona internetowa  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

ED-527 Arkusz danych(HTML) 4 Page - Black Box Registered Trademark

  ED-527 Datasheet HTML 1Page - Black Box Registered Trademark ED-527 Datasheet HTML 2Page - Black Box Registered Trademark ED-527 Datasheet HTML 3Page - Black Box Registered Trademark ED-527 Datasheet HTML 4Page - Black Box Registered Trademark ED-527 Datasheet HTML 5Page - Black Box Registered Trademark ED-527 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
+44(0) 151 220 2500 sales@brainboxes.com www.brainboxes.com
ED-527 Ethernet 16 DO
Power Supply input
Unregulated +5VDC to +30VDC, reverse polarity protection
Isolation
1500 VRMS Magnetic isolation from Ethernet
Ethernet Port
1 x RJ45 jack, 10/100Mhz autosensing, crossover auto sensing (Auto
MDIX)
Protection
1,500 Volts magnetic isolation between I/O ports and network
Network Protocols
ICMP, IP, TCP, DHCP, Telnet, HTTP
Connection to Network
Ethernet 10BaseT / 100BaseTX
Webserver
Interface
Configure IP address, monitor state of I/O lines, set the Watchdog Timers Output
Reset Value, Set Power on digital output value
Programming
Interface
No device driver needed, just open a TCP connection and send simple ASCII
or Modbus commands. Software drivers give local COM Port interface for
communication.
Utility Programs Find device, configure IP address, test communication with console
Industry Standard Modbus TCP Protocol:
Device works as a Modbus TCP server. Modbus TCP can be used on the input and output lines.
Examples include:
Modbus access
type
Supported Modbus
function codes
Logical
address
984 style
address
IEC 61131
address
Set/read digital outputs Coil
1, 5, 15
0x0000... 00001... %M0…
Set/read digital outputs Holding register 3, 6, 16
0x0020
40033
%MW32
Output overload flags
Discrete input
2
0x0400... 11025... n/a
Output overload flags
Input register
4
0x0400
31025
n/a
Familiar ASCII Command Protocol:
When not using Modbus the ED range of devices can use the de facto industry standard ASCII command
protocol implemented in the popular ADAM/NuDAM/EDAM modules. Examples include:
$01M
read the name of device address 01
!01ED-588
device 01 replies that its name is ED-588
$01F
read firmware version number of device address 01
!012.54
firmware version of device 01 is 2.54
@01
read digital input output status of device 01
>1A45
device 01 digital input data= 1A (=00011010) digital output data = 45
(=01000101)
$012
read configuration of device 01
!01400500
device 01 40=typecode, 05 =gateway RS485 port is at 4800 Baud, 00=No
checksum



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com