| Zakładka z wyszukiwarką danych komponentów |
|
UPC305G2 Arkusz danych(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC305G2 Arkusz danych(HTML) 5 Page - Renesas Technology Corp |
|
5 / 9 page ![]() Data Sheet G10633EJ5V0DS 3 µ PC305 TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified. Reference values) 0 −0.01 −0.02 −0.03 −0.04 0 100 80 60 40 20 0 510 15 20 Output Current IO (mA) LOAD STABILITY (1) RSC = 0 Ω TA = 0 °C TA = +70 °C Operating Temperture TA ( °C) PT vs.TA CHARACTERISTICS 0 −0.02 −0.04 −0.06 −0.08 −0.1 500 400 300 200 100 0 010 20 30 Output Current IO (mA) Output Current IO (mA) LOAD STABILITY (2) RSC = 13 Ω 40 TA = 25 °C 100 80 60 40 20 0 050 CURRENT-LIMITING CHARACTERISTICS RSC = 13 Ω 3.2 3.0 2.8 2.6 2.4 2.2 2.0 510 20 Output Voltage (V) RESISTANCE FOR SETTING OUTPUT VOLTAGE 50 0.6 0.5 0.4 0.3 0.2 080 60 20 Operating Temperature TA ( °C) CURRENT-LIMITING PICKUP VOLTAGE 10 20 30 40 TA = 25 °C R2 R1 = 1110 x VOUT ( Ω) R1//R2 = 2 k Ω 40 TA = 0 °C TA = 0 °C TA = +70 °C TA = +70 °C |