| Zakładka z wyszukiwarką danych komponentów |
|
CSNH151 Arkusz danych(PDF) 2 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
CSNH151 Arkusz danych(HTML) 2 Page - Honeywell Solid State Electronics Center |
|
2 / 9 page ![]() Solid State Sensors CSN Series Closed Loop Current Sensors Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada 61 CSNA, CSNB, CSNE SERIES ORDER GUIDE Catalog Listing Current Range Amps Supply Voltage VDC ±5% Coil Characteristics Turns Resistance Meas. Currents Nom. Meas. Resist (@ Inom) CSNA111 ±70 ±15 1000 90 @70°C 50 mA for 50 A 40 to 130 CSNB121 ±100 ±15 2000 160 @70°C 25 mA for 50 A 40 to 270 CSNB131 ±100 ±15 2000 130 @70°C 25 mA for 50 A 40 to 300 CSNE151 ±5-36 ±15 1000 110 @70°C 25 mA for 25 A 100 to 320 CSNE381* ±5-36 ±5V 1000 66 @70°C 25 mA for 25 A 0 to 84 CSNH151* ±4-43 ±15V 1000 110 @70°C 25 mA for 25 A 100 to 320 NOTE: Extended temperature range and potting also available. * Contact the 800 number for more information. SPECIFICATIONS Catalog Listing CSNA111 CSNB121 CSNB131 CSNE151 Offset Current @ 25°C, mA max. ±0.20 ±0.10 ±0.10 ±0.10 Temperature Drift, 0 to 70°C, mA ±0.35 typ. ±0.20 typ. ±0.20 typ. ±0.17 typ. ±0.60 max. ±0.30 max. ±0.30 max. ±0.60 max. Linearity 0.1% 0.1% 0.1% 0.2% Supply Voltage ±15V ±15V ±15V ±15V Galvanic Isolation @ 50 Hz/1 min. 2.5 kV rms 5 kV rms Accuracy ±0.5% of IN (nominal Current) at 25°C Response Time <1 s Bandwidth DC to 150 kHz Temperature Operating: 0 to 70°C (32 to 150°F) Storage: −25 to 85°C(−13 to 185°F) Primary Circuit Connection Thru-hole Thru-hole Thru-hole Invasive on 10 pins Secondary Circuit Connection 3 Pins 3 Pins 3 Pins 3 Pins Current Drain 10 mA (no load current) + output current (secondary current) ‘‘In-Out’’ Sense Signal To obtain positive measuring current on O/P terminal, current must flow in direction of arrow Mounting PCB, 3 pins, hole size 0.95 mm PCB, 13 pins PRIMARY PIN CONNECTIONS FOR CSNE151 Primary Current Primary Turns Nom. IDN (A) Max. ID (A) Output Current (mA) Primary Resistance (m ) Primary Pin Connections 1 243625 0.3 2 121824 1.1 3 8 12 24 2.5 4 6 9 24 4.4 5 5 7 25 6.3 WIRING DIAGRAMS CSNA111/CSNB121/CSNB131 CSNE151 PDFINFO p a g e - 0 6 1 |