| Zakładka z wyszukiwarką danych komponentów |
|
74ALVT16601DGG Arkusz danych(PDF) 3 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74ALVT16601DGG Arkusz danych(HTML) 3 Page - Nexperia B.V. All rights reserved |
|
3 / 21 page ![]() 74ALVT16601_3 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 5 July 2005 2 of 20 Philips Semiconductors 74ALVT16601 18-bit universal bus transceiver; 3-state 3. Quick reference data 4. Ordering information Table 1: Quick reference data GND = 0 V; Tamb = 25 °C. Symbol Parameter Conditions Min Typ Max Unit VCC = 2.5 V tPLH propagation delay An to Bn or Bn to An CL = 30 pF - 1.8 - ns tPHL propagation delay An to Bn or Bn to An CL = 30 pF - 2.2 - ns Ci input capacitance of control pins VI = 0 V or VCC 4- pF Cio input/output capacitance of I/O pins VI/O = 0 V or VCC; outputs disabled 8- pF ICC supply current outputs disabled - 40 - µA VCC = 3.3 V tPLH propagation delay An to Bn or Bn to An CL = 50 pF - 1.9 - ns tPHL propagation delay An to Bn or Bn to An CL = 50 pF - 2 - ns Ci input capacitance of control pins VI = 0 V or VCC 4- pF Cio input/output capacitance of I/O pins VI/O = 0 V or VCC; outputs disabled 8- pF ICC supply current outputs disabled - 60 - µA Table 2: Ordering information Type number Package Temperature range Name Description Version 74ALVT16601DL −40 °C to +85 °C SSOP56 plastic shrink small outline package; 56 leads; body width 7.5 mm SOT371-1 74ALVT16601DGG −40 °C to +85 °C TSSOP56 plastic thin shrink small outline package; 56 leads; body width 6.1 mm SOT364-1 |