Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAL Arkusz danych(PDF) 5 Page - Protek Devices

Numer części CAL
Szczegółowy opis  400 Watt TVS component
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTEC [Protek Devices]
Strona internetowa  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CAL Arkusz danych(HTML) 5 Page - Protek Devices

  CAL Datasheet HTML 1Page - Protek Devices CAL Datasheet HTML 2Page - Protek Devices CAL Datasheet HTML 3Page - Protek Devices CAL Datasheet HTML 4Page - Protek Devices CAL Datasheet HTML 5Page - Protek Devices CAL Datasheet HTML 6Page - Protek Devices CAL Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
05657.R0 6/23
Page 5
PAM39SDxxAL/CAL Series
ISO 9001 CERTIFIED COMPANY
package information
RTCA DO-160G COMPLIANT PRODUCT
OuTlINE DIMENSIONS
DIM
MIllIMETERS
INChES
MIN
MAX
MIN
MAX
A
2.60
3.00
0.102
0.118
B
1.60
2.00
0.063
0.079
C
3.45
3.95
0.136
0.156
D
0.10
0.25
0.004
0.010
E
0.30
0.90
0.012
0.035
F
0.80
1.20
0.031
0.047
G
0.7
1.0
0.028
0.039
NOTES
1. Dimensioning and tolerances per ANSI Y14.M, 1985.
2. Controlling dimension: millimeters.
3. Dimensions are exclusive of mold flash and metal burrs.
PAD lAYOuT DIMENSIONS
DIM
MIllIMETERS
INChES
MIN
MAX
MIN
MAX
A
1.30
0.051
B
1.70
0.067
C
1.30
0.051
NOTES
1. Controlling dimension: millimeters
A
B
G
D
C
E
F
A
B
C



Html Pages

1 2 3 4 5 6 7