Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPC7908AHF Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części UPC7908AHF
Szczegółowy opis  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC7908AHF Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  UPC7908AHF Datasheet HTML 1Page - Renesas Technology Corp UPC7908AHF Datasheet HTML 2Page - Renesas Technology Corp UPC7908AHF Datasheet HTML 3Page - Renesas Technology Corp UPC7908AHF Datasheet HTML 4Page - Renesas Technology Corp UPC7908AHF Datasheet HTML 5Page - Renesas Technology Corp UPC7908AHF Datasheet HTML 6Page - Renesas Technology Corp UPC7908AHF Datasheet HTML 7Page - Renesas Technology Corp UPC7908AHF Datasheet HTML 8Page - Renesas Technology Corp UPC7908AHF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1994
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
DESCRIPTION
µPC7900A series are monolithic three terminal negative regulators which employ internally current limiting, thermal
shut down, output transistor safe operating area protection make them essentially indestructible.
They are intended as fixed voltage regulators in a wide range of application including local on card regulation for
elimination of distribution problems associated wide single point regulation.
FEATURES
•
Wide operation temperature range.
TA: –30 ˚C to +85 ˚C
•
Good load regulation.
7 mV TYP. (250 mA
≤ IO ≤ 750 mA):
µPC7905AHF
•
Low noise.
ORDERING INFORMATION
Part Number
Output Voltage
Package
µPC7905AHF
–5 V
MP-45G (ISOLATED TO-220)
µPC7908AHF
–8 V
MP-45G (ISOLATED TO-220)
µPC7912AHF
–12 V
MP-45G (ISOLATED TO-220)
µPC7915AHF
–15 V
MP-45G (ISOLATED TO-220)
µPC7918AHF
–18 V
MP-45G (ISOLATED TO-220)
µPC7924AHF
–24 V
MP-45G (ISOLATED TO-220)
Document No. G10640EJ3V0DS00 (3rd edition)
(Previous No. IC-3486)
Date Published March 1997 N
Printed in Japan
µPC7900A Series
The information in this document is subject to change without notice.
THREE TERMINAL NEGATIVE VOLTAGE REGULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com