Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54F00DM Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54F00DM
Szczegółowy opis  Quad 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F00DM Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  54F00DM Datasheet HTML 1Page - National Semiconductor (TI) 54F00DM Datasheet HTML 2Page - National Semiconductor (TI) 54F00DM Datasheet HTML 3Page - National Semiconductor (TI) 54F00DM Datasheet HTML 4Page - National Semiconductor (TI) 54F00DM Datasheet HTML 5Page - National Semiconductor (TI) 54F00DM Datasheet HTML 6Page - National Semiconductor (TI) 54F00DM Datasheet HTML 7Page - National Semiconductor (TI) 54F00DM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are de-
fined as follows:
Physical Dimensions inches (millimeters) unless otherwise noted
DS009454-4
20-Lead Ceramic Leadless Chip Carrier (L)
NS Package Number E20A
5
www.national.com
PrintDate=1997/08/27 PrintTime=13:03:44 9738 ds009454 Rev. No. 1
cmserv
Proof
5
Book
Extract
End



Html Pages

1 2 3 4 5 6 7 8