Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P87C58IBBB Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części P87C58IBBB
Szczegółowy opis  CMOS single-chip 8-bit microcontrollers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C58IBBB Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button P87C58IBBB Datasheet HTML 5Page - NXP Semiconductors P87C58IBBB Datasheet HTML 6Page - NXP Semiconductors P87C58IBBB Datasheet HTML 7Page - NXP Semiconductors P87C58IBBB Datasheet HTML 8Page - NXP Semiconductors P87C58IBBB Datasheet HTML 9Page - NXP Semiconductors P87C58IBBB Datasheet HTML 10Page - NXP Semiconductors P87C58IBBB Datasheet HTML 11Page - NXP Semiconductors P87C58IBBB Datasheet HTML 12Page - NXP Semiconductors P87C58IBBB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Philips Semiconductors
Preliminary specification
87C54/87C58
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
3-223
Interrupt Priority Structure
The 87C54/87C58 has a 6-source two-level interrupt structure.
There are 3 SFRs associated with the interrupts. They are the IE
and IP which are identical in function to those on the 80C51.
The priority scheme for servicing the interrupts is the same as that
for the 80C51. An interrupt will be serviced as long as an interrupt of
equal or higher priority is not already being serviced. If an interrupt
of equal or higher level priority is being serviced, the new interrupt
will wait until it is finished before being serviced. If a lower priority
level interrupt is being serviced, it will be stopped and the new
interrupt serviced. When the new interrupt is finished, the lower
priority level interrupt that was stopped will be completed.
Table 3.
Interrupt Table
SOURCE
POLLING PRIORITY
REQUEST BITS
HARDWARE CLEAR?
VECTOR ADDRESS
X0
1
IE0
N (L) Y (T)
03H
T0
2
TP0
Y
0B
X1
3
IE1
N (L) Y (T)
13
T1
4
TF1
Y
1B
SP
5
R1, TI
N
23
T2
6
TF2, EXF2
N
2B
SCON Address = 98H
Reset Value = 0000 0000B
SM0/FE
SM1
SM2
REN
TB8
RB8
Tl
Rl
Bit Addressable
(SMOD0 = 0/1)*
Symbol
Function
FE
Framing Error bit. This bit is set by the receiver when an invalid stop bit is detected. The FE bit is not cleared by valid
frames but should be cleared by software. The SMOD0 bit must be set to enable access to the FE bit.
SM0
Serial Port Mode Bit 0, (SMOD0 must = 0 to access bit SM0)
SM1
Serial Port Mode Bit 1
SM0
SM1
Mode
Description
Baud Rate**
0
0
0
shift register
fOSC/12
0
1
1
8-bit UART
variable
1
0
2
9-bit UART
fOSC/64 or fOSC/32
1
1
3
9-bit UART
variable
SM2
Enables the Automatic Address Recognition feature in Modes 2 or 3. If SM2 = 1 then Rl will not be set unless the
received 9th data bit (RB8) is 1, indicating an address, and the received byte is a Given or Broadcast Address.
In Mode 1, if SM2 = 1 then Rl will not be activated unless a valid stop bit was received, and the received byte is a
Given or Broadcast Address. In Mode 0, SM2 should be 0.
REN
Enables serial reception. Set by software to enable reception. Clear by software to disable reception.
TB8
The 9th data bit that will be transmitted in Modes 2 and 3. Set or clear by software as desired.
RB8
In modes 2 and 3, the 9th data bit that was received. In Mode 1, if SM2 = 0, RB8 is the stop bit that was received.
In Mode 0, RB8 is not used.
Tl
Transmit interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or at the beginning of the stop bit in the
other modes, in any serial transmission. Must be cleared by software.
Rl
Receive interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or halfway through the stop bit time in
the other modes, in any serial reception (except see SM2). Must be cleared by software.
NOTE:
*SMOD0 is located at PCON6.
**fOSC = oscillator frequency
SU00043
Bit:
7654
321
0
Figure 1. SCON: Serial Port Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21