| Zakładka z wyszukiwarką danych komponentów |
|
DSP1A-L2-DC3V-R Arkusz danych(PDF) 2 Page - Nais(Matsushita Electric Works) |
|
|
|||||||||||||||||||||||||||||
DSP1A-L2-DC3V-R Arkusz danych(HTML) 2 Page - Nais(Matsushita Electric Works) |
|
2 / 5 page ![]() DSP 235 TYPES AND COIL DATA (at 20 °C 68°F) Single side stable 2 coil latching Note: Insert 1a, 1 or 2a in, 2 u for contact form required. Type Part No. Nominal voltage, V DC Pick-up voltage, V DC (max.) Drop-out voltage, V DC (min.) Nominal operating current, mA Nominal operating power, mW Coil resistance, Ω (±10%) Max. allowable voltage, at 50 °C, V DC Single side stable DSPu-DC3V 3 2.4 0.3 100 300 30 3.9 DSPu-DC5V 5 4.0 0.5 60 300 83 6.5 DSPu-DC6V 6 4.8 0.6 50 300 120 7.8 DSPu-DC9V 9 7.2 0.9 33.3 300 270 11.7 DSPu-DC12V 12 9.6 1.2 25 300 480 15.6 DSPu-DC24V 24 19.2 2.4 12.5 300 1,920 31.2 Type Part No. Nominal voltage, V DC Set voltage, V DC (max.) Reset voltage, V DC (max.) Nominal operating current, mA Nominal operating power, mW Coil resistance, Ω (±10%) Max. allowable voltage, at 50 °C, V DC 2 coil latching DSPu-L2-DC3V 3 2.4 2.4 100 300 30 3.9 DSPu-L2-DC5V 5 4.0 4.0 60 300 83 6.5 DSPu-L2-DC6V 6 4.8 4.8 50 300 120 7.8 DSPu-L2-DC9V 9 7.2 7.2 33.3 300 270 11.7 DSPu-L2-DC12V 12 9.6 9.6 25.5 300 480 15.6 DSPu-L2-DC24V 24 19.2 19.2 12.5 300 1,920 31.2 DIMENSIONS mm inch 1a type (DSP1a) Single side stable 1 coil latching 2 coil latching General tolerance: ±0.3± .012 0.8 .031 0.8 .031 0.3 .012 10.0 .394 10.5 .413 3.5 .138 1.0 .039 20.2 .795 7.62 .300 7.2 .283 1.21 .048 10.16 .400 0.8 .031 0.8 .031 0.3 .012 10.0 .394 10.5 .413 3.5 .138 1.0 .039 1.0 .039 20.2 .795 7.62 .300 7.62 .300 7.2 .283 1.21 .048 2.54 .100 0.3 .012 11.0 .433 7.62 .300 PC board pattern (Copper-side view) Single side stable 2 coil latching Tolerance: ±0.1 ± .004 2.54 .100 4-1.2 dia. 4-.047 dia. 2.54 .100 2.54 .100 6-1.2 dia. 6-.047 dia. 2.54 .100 Schematic (Bottom view) Single side stable (Deenergized condition) 2 coil latching (Reset condition) 8 1 + – 16 5 8 1 + – 16 5 2 + – 15 1a1b type (DSP1) Single side stable 1 coil latching 2 coil latching General tolerance: ±0.3 ± .012 0.8 .031 0.8 .031 0.3 .012 10.0 .394 10.5 .413 3.5 .138 1.0 .039 20.2 .795 7.62 .300 7.2 .283 1.21 .048 10.16 .400 0.8 .031 0.8 .031 0.3 .012 10.0 .394 10.5 .413 3.5 .138 1.0 .039 1.0 .039 20.2 .795 7.62 .300 7.62 .300 7.2 .283 1.21 .048 2.54 .100 0.3 .012 11.0 .433 7.62 .300 PC board pattern (Copper-side view) Single side stable 2 coil latching Tolerance: ±0.1 ± .004 6-1.2 dia. 6-.047 dia. 2.54 ×3 .100 ×3 2.54 ×3 .100 ×3 2.54 ×4 .100 ×4 8-1.2 dia. 8-.047 dia. 2.54 ×3 .100 ×3 2.54 ×3 .100 ×3 2.54 ×3 .100 ×3 2.54 .100 Schematic (Bottom view) Single side stable (Deenergized condition) 2 coil latching (Reset condition) 8 1 + – 16 5 912 1 + – 16 2 + – 15 85 912 |