| Zakładka z wyszukiwarką danych komponentów |
|
STIL08T5 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STIL08T5 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() STIL 2/11 FUNCTIONAL DESCRIPTION IN A PFC BOOST PRE-REGULATOR The STIL is connected in parallel with the diode bridge and the inrush power resistor. During start up, the two unidirectional ASD power switches of the STIL are open (Figure 3). The inrush current flows through the diodes of the bridge and external inrush power resistor. When the PFC reaches steady state, the auxiliary power supply coupled with the main transformer, supplies the energy required to feed the driver of the two power switches of the STIL (Figure 4). In steady state, the two DC ground connected diodes of the bridge rectifier and the two unidirectional switches of the STIL connected to DC+ rectify the AC line current. Figure 3: Function description at turn-on Figure 4: Function description in steady state POWERFAIL FEATURE When the STIL is used with a PFC boost converter, the inrush current circuit is active after an AC line drop- out. In that configuration, since the AC line disappears, the PFC controller and the auxiliary power supply of the STIL (Figure 8) turns OFF. The two switches of the STIL are open. The output bulk capacitor Cb is discharging and it is providing the energy to the main converter. When the AC line recovers, the two switches remain opened and recharging inrush current of the capacitor Cb is deviated and limited through the resistor Ri. When the capacitor had finished charging, the PFC turns ON again and the two switches of the STIL switch ON. More details on the design and operation of the driver circuit of figure 5 can be found in the application note “AN1600 - STIL: Inrush Current Limitation Device for Off-Line Power Converter”. I + pt1 Auxiliary Power Inrush resistor I I AC in pt2 OUT - + Bridge I Inrush resistor Auxiliary Power pt2 I OUT AC in + - + Bridge pt1 I |