| Zakładka z wyszukiwarką danych komponentów |
|
UPD16640B Arkusz danych(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD16640B Arkusz danych(HTML) 10 Page - Renesas Technology Corp |
|
10 / 18 page ![]() Data Sheet S12581EJ1V0DS00 8 µµµµ PD16640B 5. RELATIONSHIP BETWEEN OUTPUT CIRCUIT AND D/A CONVERTER Data format : 1 pixel data (6 bits) × RGB (3 dots) Input width : 18 bits R,/L = H (right shift) Output S1 S2 S3 … S308 S309 Data D00 to D05 D10 to D15 D20 to D25 … D10 to D15 D20 to D25 R,/L = L (left shift) Output S1 S2 S3 … S308 S309 Data D00 to D05 D10 to D15 D20 to D25 … D10 to D15 D20 to D25 6. OPERATION OF OUTPUT BUFFER The output buffer consists of an operational amplifier circuit that does not perform precharge operation. Therefore, driver output current IVOH1/2 is the charging current to the LCD, and IVOL1/2 is the discharging current. <LCD panel driving waveform of µµµµ PD16640B> 1 horiontal period Write (IVOL1/2/IVOH1/2 ) Write (IVOL1/2/IVOH1/2 ) VDD2 Sn VSS2 |