| Zakładka z wyszukiwarką danych komponentów |
|
UPD17062 Arkusz danych(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 Arkusz danych(HTML) 77 Page - Renesas Technology Corp |
|
77 / 298 page ![]() 75 µPD17062 b3 b2 b1 b0 0 IDCDMAEN 00 00H 0 1 DMA prohibited mode (instruction cycle = 2 s) DMA mode (instruction cycle = 12 s) µ µ 9.1 IDCDMAEN (00H, b1) This flag must be set to enable the operation of IDC. When the IDCDMAEN flag is set, the mode changes to DMA mode and IDC is enabled. In DMA mode, the instruction cycle is seen as 12 µs. For details, see Chapter 20. 9.2 SP (01H) SP is a pointer that addresses the stack register. b3 b2 b1 b0 0 (SPb2) (SPb0) 01H 0 0 0 0 0 1 01 0 01 1 10 0 10 1 11 0 11 1 (SPb1) Level 6 Level 5 Level 4 Level 3 Level 2 Level 1 At reset Not to be set SP (stack pointer) |