| Zakładka z wyszukiwarką danych komponentów |
|
M34C02-RMB1TP Arkusz danych(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34C02-RMB1TP Arkusz danych(HTML) 19 Page - STMicroelectronics |
|
19 / 31 page ![]() M34C02-W, M34C02-L, M34C02-R Use within a DRAM DIMM 19/31 4 Use within a DRAM DIMM In the application, the M34C02-W, M34C02-L and M34C02-R are soldered directly in the printed circuit module. The 3 Chip Enable inputs (pins 1, 2 and 3) are wired at VCC or VSS through the DIMM socket (see Table 4). The pull-up resistors needed for normal behavior of the I2C bus are connected on the I2C bus of the mother-board (as shown in Figure 11). The Write Control (WC) of the M34C02-W, M34C02-L and M34C02-R can be left unconnected. However, connecting it to VSS is recommended, to maintain full read and write access. 4.1 Programming the M34C02-W, M34C02-L and M34C02-R When the device is delivered, full read and write access is given to the whole memory array. It is recommended that the first step is to use the test equipment to write the module information (such as its access speed, its size, its organization) to the first half of the memory, starting from the first memory location. When the data has been validated, the test equipment can send a Write command to the Protection Register, using the device select code ’01100000b’ followed by an address and data byte (made up of Don’t Care values) as shown in Figure 6. The first 128 bytes of the memory area are then write-protected, and the M34C02-W, M34C02-L and M34C02-R will no longer respond to the specific device select code ’0110000xb’. It is not possible to reverse this sequence. Table 4. DRAM DIMM Connections DIMM Position E2 E1 E0 0 VSS VSS VSS 1 VSS VSS VCC 2 VSS VCC VSS 3 VSS VCC VCC 4 VCC VSS VSS 5 VCC VSS VCC 6 VCC VCC VSS 7 VCC VCC VCC |