Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST7FL19F1MATRE Arkusz danych(PDF) 51 Page - STMicroelectronics

Numer części ST7FL19F1MATRE
Szczegółowy opis  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL19F1MATRE Arkusz danych(HTML) 51 Page - STMicroelectronics

Back Button ST7FL19F1MATRE Datasheet HTML 47Page - STMicroelectronics ST7FL19F1MATRE Datasheet HTML 48Page - STMicroelectronics ST7FL19F1MATRE Datasheet HTML 49Page - STMicroelectronics ST7FL19F1MATRE Datasheet HTML 50Page - STMicroelectronics ST7FL19F1MATRE Datasheet HTML 51Page - STMicroelectronics ST7FL19F1MATRE Datasheet HTML 52Page - STMicroelectronics ST7FL19F1MATRE Datasheet HTML 53Page - STMicroelectronics ST7FL19F1MATRE Datasheet HTML 54Page - STMicroelectronics ST7FL19F1MATRE Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 138 page
background image
ST7L15, ST7L19
51/138
ON-CHIP PERIPHERALS (cont’d)
The application program must write in the CR reg-
ister at regular intervals during normal operation to
prevent an MCU reset. This downcounter is free-
running: It counts down, even if the watchdog is
disabled. The value to be stored in the CR register
must be between FFh and C0h (see Table 12
.Watchdog Timing):
– The WDGA bit is set (watchdog enabled).
– The T6 bit is set to prevent generating an imme-
diate reset.
– The T[5:0] bits contain the number of increments
which represents the time delay before the
watchdog produces a reset.
Following a reset, the watchdog is disabled. Once
activated, it can be disabled only by a reset.
The T6 bit can generate a software reset (the
WDGA bit is set and the T6 bit is cleared).
If the watchdog is activated, the HALT instruction
generates a Reset.
Table 12.Watchdog Timing
Notes:
1. The timing variation shown in Table 12 is due to
the unknown status of the prescaler when writing
to the CR register.
2. The number of CPU clock cycles applied during
the RESET phase (256 or 4096) must be taken
into account in addition to these timings.
11.1.4 Hardware Watchdog Option
If Hardware Watchdog is selected by the option
byte, the watchdog is always active and the
WDGA bit in the CR is not used.
Refer to the Option Byte description in section 15
on page 126.
11.1.4.1 Using Halt Mode with the WDG
(WDGHALT Option)
If HALT mode with Watchdog is enabled by the op-
tion byte (no watchdog reset on HALT instruction),
it is recommended before executing the HALT in-
struction to refresh the WDG counter, to avoid an
unexpected WDG reset immediately after waking
up the microcontroller (same behavior in ACTIVE
HALT mode).
11.1.5 Interrupts
None.
11.1.6 Register Description
CONTROL REGISTER (WDGCR)
Read/Write
Reset Value: 0111 1111 (7Fh)
Bit 7 = WDGA Activation bit.
This bit is set by software and only cleared by
hardware after a reset. When WDGA = 1, the
watchdog can generate a reset.
0: Watchdog disabled
1: Watchdog enabled
Note: This bit is not used if the hardware watch-
dog option is enabled by option byte.
Bits 6:0 = T[6:0] 7-bit timer (MSB to LSB).
These bits contain the decremented value. A reset
is produced when it rolls over from 40h to 3Fh (T6
becomes cleared).
Table 13. Watchdog Timer Register Map and Reset Values
fCPU = 8 MHz
WDG
Counter Code
min
(ms)
max
(ms)
C0h
1
2
FFh
127
128
70
WDGA
T6
T5
T4
T3
T2
T1
T0
Address
(Hex.)
Register
Label
765
4321
0
002Eh
WDGCR
Reset Value
WDGA
0
T6
1
T5
1
T4
1
T3
1
T2
1
T1
1
T0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More