| Zakładka z wyszukiwarką danych komponentów |
|
M41ST84WMQ6 Arkusz danych(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST84WMQ6 Arkusz danych(HTML) 21 Page - STMicroelectronics |
|
21 / 29 page ![]() 21/29 M41ST84W Power-fail INPUT/OUTPUT The Power-Fail Input (PFI) is compared to an in- ternal reference voltage (1.25V). If PFI is less than the power-fail threshold (VPFI), the Power-Fail Output (PFO) will go low. This function is intended for use as an under-voltage detector to signal a failing power supply. Typically PFI is connected through an external voltage divider (see Figure 5., page 6) to either the unregulated DC input (if it is available) or the regulated output of the VCC reg- ulator. The voltage divider can be set up such that the voltage at PFI falls below VPFI several millisec- onds before the regulated VCC input to the M41ST84W or the microprocessor drops below the minimum operating voltage. During battery back-up, the power-fail comparator turns off and PFO goes (or remains) low. This oc- curs after VCC drops below VPFD(min). When pow- er returns, PFO is forced high, irrespective of VPFI for the write protect time (trec), which is the time from VPFD(max) until the inputs are recognized. At the end of this time, the power-fail comparator is enabled and PFO follows PFI. If the comparator is unused, PFI should be connected to VSS and PFO left unconnected. Century Bit Bits D7 and D6 of Clock Register 03h contain the CENTURY ENABLE Bit (CEB) and the CENTURY Bit (CB). Setting CEB to a “1” will cause CB to tog- gle, either from a “0” to “1” or from “1” to “0” at the turn of the century (depending upon its initial state). If CEB is set to a “0”, CB will not toggle. Output Driver Pin When the FT Bit, AFE Bit and watchdog register are not set, the IRQ/FT/OUT pin becomes an out- put driver that reflects the contents of D7 of the Control Register. In other words, when D7 (OUT Bit) and D6 (FT Bit) of address location 08h are a '0,' then the IRQ/FT/OUT pin will be driven low. Note: The IRQ/FT/OUT pin is an open drain which requires an external pull-up resistor. Battery Low Warning The M41ST84W automatically performs battery voltage monitoring upon power-up and at factory- programmed time intervals of approximately 24 hours. The Battery Low (BL) Bit, Bit D4 of Flags Register 0Fh, will be asserted if the battery voltage is found to be less than approximately 2.5V. The BL Bit will remain asserted until completion of bat- tery replacement and subsequent battery low monitoring tests, either during the next power-up sequence or the next scheduled 24-hour interval. If a battery low is generated during a power-up se- quence, this indicates that the battery is below ap- proximately 2.5 volts and may not be able to maintain data integrity in the SRAM. Data should be considered suspect and verified as correct. A fresh battery should be installed. If a battery low indication is generated during the 24-hour interval check, this indicates that the bat- tery is near end of life. However, data is not com- promised due to the fact that a nominal VCC is supplied. In order to insure data integrity during subsequent periods of battery back-up mode, the battery should be replaced. The battery may be re- placed while VCC is applied to the device. The M41ST84W only monitors the battery when a nominal VCC is applied to the device. Thus appli- cations which require extensive durations in the battery back-up mode should be powered-up peri- odically (at least once every few months) in order for this technique to be beneficial. Additionally, if a battery low is indicated, data integrity should be verified upon power-up via a checksum or other technique. trec Bit Bit D7 of Clock Register 04h contains the trec Bit (TR). trec refers to the automatic continuation of the deselect time after VCC reaches VPFD. This al- lows for a voltage setting time before WRITEs may again be performed to the device after a power- down condition. The trec Bit will allow the user to set the length of this deselect time as defined by Table 7., page 22. Initial Power-on Defaults Upon initial application of power to the device, the following register bits are set to a '0' state: Watch- dog Register, TR, FT, AFE, ABE, and SQWE. The following bits are set to a '1' state: ST, OUT, and HT (see Table 8., page 22). |