| Zakładka z wyszukiwarką danych komponentów |
|
L9733XP Arkusz danych(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9733XP Arkusz danych(HTML) 22 Page - STMicroelectronics |
|
22 / 33 page ![]() Serial Peripheral Interface (SPI) L9733 22/33 Table 9. Command Register Logic Definition BIT STATE STATUS Writing Mode b0-b7 0 OUT1 - OUT8 are Commanded Off Output b0-b7 1 OUT1 - OUT8 are Commanded On Output b0-b7 0 OUT1 - OUT8 Diagnostic is No Latch Mode Diag b0-b7 1 OUT1 - OUT8 Diagnostic is Latch Mode Diag b0-b7 0 OUT1 - OUT8 Switching OFF Overcurrent Protection Protection b0-b7 1 OUT1 - OUT8 Linear Overcurrent Protection Protection |