Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M28W640FCB10N1F Arkusz danych(PDF) 21 Page - STMicroelectronics

Numer części M28W640FCB10N1F
Szczegółowy opis  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCB10N1F Arkusz danych(HTML) 21 Page - STMicroelectronics

Back Button M28W640FCB10N1F Datasheet HTML 17Page - STMicroelectronics M28W640FCB10N1F Datasheet HTML 18Page - STMicroelectronics M28W640FCB10N1F Datasheet HTML 19Page - STMicroelectronics M28W640FCB10N1F Datasheet HTML 20Page - STMicroelectronics M28W640FCB10N1F Datasheet HTML 21Page - STMicroelectronics M28W640FCB10N1F Datasheet HTML 22Page - STMicroelectronics M28W640FCB10N1F Datasheet HTML 23Page - STMicroelectronics M28W640FCB10N1F Datasheet HTML 24Page - STMicroelectronics M28W640FCB10N1F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
M28W640FCT, M28W640FCB
Command interface
21/77
4.13
Block Lock command
The Block Lock command is used to lock a block and prevent Program or Erase operations
from changing the data in it. All blocks are locked at power-up or reset.
Two Bus Write cycles are required to issue the Block Lock command.
●
The first bus cycle sets up the Block Lock command.
●
The second Bus Write cycle latches the block address.
The lock status can be monitored for each block using the Read Electronic Signature
command. Table 10 shows the protection status after issuing a Block Lock command.
The Block Lock bits are volatile, once set they remain set until a hardware reset or power-
down/power-up. They are cleared by a Blocks Unlock command. Refer to the section, Block
Locking, for a detailed explanation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77