Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS7343 Arkusz danych(PDF) 31 Page - ams AG

Numer części AS7343
Szczegółowy opis  14-Channel Multi-Spectral Sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS7343 Arkusz danych(HTML) 31 Page - ams AG

Back Button AS7343 Datasheet HTML 27Page - ams AG AS7343 Datasheet HTML 28Page - ams AG AS7343 Datasheet HTML 29Page - ams AG AS7343 Datasheet HTML 30Page - ams AG AS7343 Datasheet HTML 31Page - ams AG AS7343 Datasheet HTML 32Page - ams AG AS7343 Datasheet HTML 33Page - ams AG AS7343 Datasheet HTML 34Page - ams AG AS7343 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 31
10.2.3
ADC Configuration
The following registers provide configuration for the 6 integrated ADCs (CH0 to CH5). It is possible to
adjust the gain and setup the auto zero compensation for the ADCs.
CFG1 Register (Address 0xC6)
Figure 31:
CFG1 Register
Addr: 0xC6
CFG1
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
0
Reserved
4:0
AGAIN
9
RW
Spectral Engines Gain Setting.
Sets the spectral sensitivity.
VALUE
GAIN
0
0.5x
1
1x
2
2x
3
4x
4
8x
5
16x
6
32x
7
64x
8
128x
9
256x
10
512x
11
1024x
12
2048x
CFG10 Register (Address 0x65)
Figure 32:
CFG10 Register
Addr: 0x65
CFG10
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57