| Zakładka z wyszukiwarką danych komponentów |
|
MAS9116ASBA-T Arkusz danych(PDF) 4 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS9116ASBA-T Arkusz danych(HTML) 4 Page - Micro Analog systems |
|
4 / 18 page ![]() 4 (18) DA9116.005 22 November, 2005 GENERAL DESCRIPTION Peak Level Detection MAS9116 has an 8-bit digital-to-analog converter (DAC) used for monitoring the peak level of the signal. The reference value is programmed via the serial interface. The reference value VREF is calculated from VREF=(0.16+0.0133*CODE)*VDD, where CODE is decimal value of the control byte (0..255) and VDD is MAS9116 supply voltage value. With nominal 5 V supply voltage the reference value is VREF=0.8V+66.5mV*CODE. When positive peak signal level at output exceeds this value, comparator signal sets bits 0 and 1 of the status register. The register contents stay high until the peak register has been read. |