| Zakładka z wyszukiwarką danych komponentów |
|
2N5195 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2N5195 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() 2N5195 MEDIUM POWER PNP SILICON TRANSISTOR s STMicroelectronics PREFERRED SALESTYPE s PNP TRANSISTOR APPLICATIONS s LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT DESCRIPTION The 2N5195 is a silicon epitaxial-base PNP transistor in Jedec SOT-32 plastic package. It is inteded for use in medium power linear and switching applications. The complementary NPN type is 2N5192. INTERNAL SCHEMATIC DIAGRAM December 2000 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) -80 V VCEO Collector-Emitter Voltage (IB = 0) -80 V VEBO Emitter-Base Voltage (IC = 0) -5 V IC Collector Current -4 A ICM Collector Peak Current -7 A IB Base Current -1 A Ptot Total Dissipation at Tc ≤ 25 oC 40 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 3 2 1 SOT-32 ® 1/5 |
Podobny numer części - 2N5195 |
|
Podobny opis - 2N5195 |