| Zakładka z wyszukiwarką danych komponentów |
|
B772 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
B772 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() 1 Absolute Maximum Ratings 2SB772 2/8 1 Absolute Maximum Ratings Table 1. Absolute Maximum Rating Table 2. Thermal Data Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) -60 V VCEO Collector-Emitter Voltage (IB = 0) -30 V VEBO Collector-Base Voltage (IC = 0) -5 V IC Collector Current -3 A ICM Collector Peak Current (tP < 5ms) -6 A IB Base Current -1 A IBM Base Peak Current (tP < 5ms) -2 A PTOT Total dissipation at Tc = 25°C -12.5 W TSTG Storage Temperature -65 to 150 °C TJ Max. Operating Junction Temperature 150 °C Symbol Parameter Value Unit RthJ-case Thermal Resistance Junction-Case____________________Max 10 °C/W |